Electronic Components Datasheet Search
  English  ▼

X  

AD9119 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9119
Description  RF Digital-to-Analog Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9119 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9119 Datasheet HTML 14Page - Analog Devices AD9119 Datasheet HTML 15Page - Analog Devices AD9119 Datasheet HTML 16Page - Analog Devices AD9119 Datasheet HTML 17Page - Analog Devices AD9119 Datasheet HTML 18Page - Analog Devices AD9119 Datasheet HTML 19Page - Analog Devices AD9119 Datasheet HTML 20Page - Analog Devices AD9119 Datasheet HTML 21Page - Analog Devices AD9119 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 66 page
background image
AD9119/AD9129
Data Sheet
Rev. B | Page 18 of 66
IOUTFS = 28 mA, fDAC = 2.6 GSPS, nominal supplies, TA = 25°C, unless otherwise noted.
1000
1500
2000
3500
3500
2500
4000
fOUT (MHz)
–145
–150
–155
–160
–165
–170
–40°C
+25°C
+85°C
Figure 34. Single-Tone NSD vs. fOUT over Temperature
CENTER 1.888GHz
VBW 3kHz
SPAN 53.84MHz
SWEEP 1.485s
–20
–30
–50
–40
–80
–70
–60
–90
–120
–110
–100
OFFSET FREQ
5MHz
10MHz
15MHz
20MHz
25MHz
INTEG BW
3.84MHz
3.84MHz
3.84MHz
3.84MHz
3.84MHz
dBc
–70.25
–74.47
–75.55
–76.03
–76.62
dBm
–80.37
–84.60
–85.68
–86.15
–86.75
dBc
–70.38
–74.54
–75.72
–76.25
–76.70
dBm
–80.50
–84.66
–85.85
–86.37
–86.83
FILTER
OFF
OFF
OFF
OFF
OFF
TOTAL CARRIER POWER –10.125dBm/3.84MHz
UPPER
LOWER
Figure 35. Single-Carrier W-CDMA at 1887.5 MHz
1500
2500
2000
3000
3500
3500
fOUT (MHz)
–145
–150
–155
–160
–165
–40°C
+25°C
+85°C
Figure 36. W-CDMA NSD vs. fOUT over Temperature
CENTER 1.98GHz
VBW 3kHz
SPAN 58.84MHz
SWEEP 1.623s
–20
–30
–50
–40
–80
–70
–60
–90
–120
–110
–100
OFFSET FREQ
5MHz
10MHz
15MHz
20MHz
INTEG BW
3.84MHz
3.84MHz
3.84MHz
3.84MHz
dBc
–65.84
–67.02
–68.05
–69.07
dBm
–82.06
–83.23
–84.27
–85.29
dBc
–65.79
–66.75
–67.99
–69.03
dBm
–82.01
–82.97
–84.21
–85.25
FILTER
OFF
OFF
OFF
OFF
UPPER
LOWER
TOTAL CARRIER POWER –10.251dBm/15.36MHz
Figure 37. Four-Carrier W-CDMA at 1980 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com