Electronic Components Datasheet Search
  English  ▼

X  

AD9135BCPZ Datasheet(PDF) 96 Page - Analog Devices

Part # AD9135BCPZ
Description  Digital-to-Analog Converters
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9135BCPZ Datasheet(HTML) 96 Page - Analog Devices

Back Button AD9135BCPZ Datasheet HTML 92Page - Analog Devices AD9135BCPZ Datasheet HTML 93Page - Analog Devices AD9135BCPZ Datasheet HTML 94Page - Analog Devices AD9135BCPZ Datasheet HTML 95Page - Analog Devices AD9135BCPZ Datasheet HTML 96Page - Analog Devices AD9135BCPZ Datasheet HTML 97Page - Analog Devices AD9135BCPZ Datasheet HTML 98Page - Analog Devices AD9135BCPZ Datasheet HTML 99Page - Analog Devices AD9135BCPZ Datasheet HTML 100Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 117 page
background image
AD9135/AD9136
Data Sheet
Rev. C | Page 96 of 117
Address
Name
Bit No.
Bit Name
Settings
Description
Reset
Access
0x081
SYSREF_ACTRL0
[7:5]
RESERVED
Reserved.
0x0
R
4
PD_SYSREF
Power-Down SYSREF Buffer. This bit powers
down the SYSREF receiver. For Subclass 1
operation to work, this buffer must be enabled.
0x1
R/W
3
HYS_ON
Hysteresis Enabled. This bit enables the
programmable hysteresis control for the
SYSREF receiver. Using hysteresis gives some
noise resistance, but delays the SYSREF±
edge an amount depending on HYS_CNTRL
and the SYSREF± edge rate. The SYSREF±
KOW is not guaranteed when using
hysteresis.
0x0
R/W
2
SYSREF_RISE
Select DAC Clock Edge to Sample SYSREF.
0x0
R/W
0
Use falling edge of DAC clock to sample
SYSREF for alignment
1
Use rising edge of DAC clock to sample
SYSREF for alignment
[1:0]
HYS_CNTRL1
Hysteresis Control Bits[9:8]. HYS_CNTRL is a
10-bit thermometer-coded number. Each bit
set adds 10 mV of differential hysteresis to
the SYSREF receiver.
0x0
R/W
0x082
SYSREF_ACTRL1
[7:0]
HYS_CNTRL0
Hysteresis Control Bits[7:0].
0x0
R/W
0x083
DACPLLCNTRL
7
RECAL_DACPLL
Recalibrate DAC PLL. On a rising edge of this bit,
recalibrate the DAC PLL.
0x0
R/W
[6:5]
RESERVED
Reserved.
0x0
R
4
ENABLE_DACPLL
Synthesizer Enable. This bit enables and
calibrates the DAC PLL.
0x0
R/W
[3:0]
RESERVED
Reserved.
0x0
R
0x084
DACPLLSTATUS
7
DACPLL_
OVERRANGE_H
DAC PLL High Overrange. This bit indicates
that the DAC PLL hit the upper edge of its
operating band. Recalibrate.
0x0
R
6
DACPLL_
OVERRANGE_L
DAC PLL Low Overrange. This bit indicates
that the DAC PLL hit the lower edge of its
operating band. Recalibrate.
0x0
R
5
DACPLL_CAL_
VALID
DAC PLL Calibration Valid. This bit indicates
that the DAC PLL has been successfully
calibrated.
0x0
R
[4:2]
RESERVED
Reserved.
0x0
R
1
DACPLL_LOCK
DAC PLL Lock Bit. This bit is set high by the PLL
when it has achieved lock.
0x0
R
0
RESERVED
Reserved.
0x0
R
0x085
DACINTEGERWORD0
[7:0]
B_COUNT
Integer Division Word. This bit controls the
integer feedback divider for the DAC PLL.
Determine the frequency of the DAC clock by
the following equations (see the Clock
Multiplication section for more details):
0x8
R/W
fDAC
= fREF/(REF_DIVRATE) × 2 × B_COUNT
fVCO
= fREF/(REF_DIVRATE) × 2 × B_COUNT ×
LO_DIV_MODE
Minimum value is 6.
0x087
DACLOOPFILT1
[7:4]
LF_C2_WORD
C2 Control Word. Set this control to 0x6 for
optimal performance.
0x8
R/W
[3:0]
LF_C1_WORD
C1 Control Word. Set this control to 0x2 for
optimal performance.
0x8
R/W
0x088
DACLOOPFILT2
[7:4]
LF_R1_WORD
R1 Control Word. Set this control to 0xC for
optimal performance.
0x8
R/W
[3:0]
LF_C3_WORD
C3 Control Word. Set this control to 0x9 for
optimal performance.
0x8
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com