Electronic Components Datasheet Search
  English  ▼

X  

AD9116BCPZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD9116BCPZ
Description  Dual Low Power Digital-to-Analog Converters
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9116BCPZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9116BCPZ Datasheet HTML 40Page - Analog Devices AD9116BCPZ Datasheet HTML 41Page - Analog Devices AD9116BCPZ Datasheet HTML 42Page - Analog Devices AD9116BCPZ Datasheet HTML 43Page - Analog Devices AD9116BCPZ Datasheet HTML 44Page - Analog Devices AD9116BCPZ Datasheet HTML 45Page - Analog Devices AD9116BCPZ Datasheet HTML 46Page - Analog Devices AD9116BCPZ Datasheet HTML 47Page - Analog Devices AD9116BCPZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
AD9114/AD9115/AD9116/AD9117
Data Sheet
Rev. D | Page 44 of 52
where:
IIREF
= VREFIO/IRSET
(4)
IQREF = VREFIO/QRSET
or
IIOUTFS
= 32 × VREFIO/IRSET
(5)
IQOUTFS
= 32 × VREFIO/QRSET
A differential pair (IOUTP/IOUTN or QOUTP/QOUTN)
typically drives a resistive load directly or via a transformer. If
dc coupling is required, the differential pair (IOUTP/IOUTN or
QOUTP/QOUTN) should be connected to matching resistive
loads, xRLOAD, that are tied to analog common, AVSS. The single-
ended voltage output appearing at the positive and negative nodes is
VIOUTP
= IOUTP × IRLOAD
(6)
VQOUTP
= QOUTP × QRLOAD
VIOUTN
= IOUTN × IRLOAD
(7)
VQOUTN
= QOUTN × QRLOAD
To achieve the maximum output compliance of 1 V at the nominal
20 mA output current, IRLOAD = QRLOAD must be set to 50 Ω.
Substituting the values of IOUTP, IOUTN, IxREF, and VIDIFF can
be expressed as
VIDIFF
= {(2 × IDAC CODE − (2N − 1))/2N} ×
(32 × VREFIO/IRSET) × IRLOAD
(8)
Equation 8 highlights some of the advantages of operating the
AD9114/AD9115/AD9116/AD9117 differentially. First, the
differential operation helps cancel common-mode error sources
associated with IOUTP and IOUTN, such as noise, distortion,
and dc offsets. Second, the differential code-dependent current and
subsequent voltage, VIDIFF, is twice the value of the single-ended
voltage output (that is, VIOUTP or VIOUTB), thus providing twice the
signal power to the load. Note that the gain drift temperature
performance for a single-ended output (VIOUTP and VIOUTN) or
differential output of the AD9114/AD9115/AD9116/ AD9117
can be enhanced by selecting temperature tracking resistors for
xRLOAD and xRSET because of their ratiometric relationship, as
shown in Equation 8.
ANALOG OUTPUT
The complementary current outputs in each DAC, IOUTP/
IOUTN and QOUTP/QOUTN, can be configured for single-
ended or differential operation. IOUTP/IOUTN and QOUTP/
QOUTN can be converted into complementary single-ended
voltage outputs, VIOUTP and VIOUTN as well as VQOUTP and VQOUTN via
a load resistor, xRLOAD, as described in the DAC Transfer Function
section by Equation 6 through Equation 8. The differential
voltages, VIDIFF and VQDIFF, existing between VIOUTP and VIOUTN,
and VQOUTP and VQOUTN, can also be converted to a single-ended
voltage via a transformer or a differential amplifier configuration.
The ac performance of the AD9114/AD9115/AD9116/AD9117 is
optimum and is specified using a differential transformer-coupled
output in which the voltage swing at IOUTP and IOUTN is
limited to ±0.5 V. The distortion and noise performance of the
AD9114/AD9115/AD9116/AD9117 can be enhanced when it is
configured for differential operation. The common-mode error
sources of both IOUTP/IOUTN and QOUTP/QOUTN can be
significantly reduced by the common-mode rejection of a
transformer or differential amplifier. These common-mode error
sources include even-order distortion products and noise.
The enhancement in distortion performance becomes more
significant as the frequency content of the reconstructed waveform
increases and/or its amplitude increases. This is due to the first-
order cancellation of various dynamic common-mode distortion
mechanisms, digital feedthrough, and noise. Performing a
differential-to-single-ended conversion via a transformer also
provides the ability to deliver twice the reconstructed signal
power to the load (assuming no source termination). Because
the output currents of IOUTP/IOUTN and QOUTP/QOUTN
are complementary, they become additive when processed
differentially.
SELF-CALIBRATION
The AD9114/AD9115/AD9116/AD9117 have a self-calibration
feature that improves the DNL of the device. Performing a self-
calibration on the device improves device performance in low
frequency applications. The device performance in applications
where the analog output frequencies are above 5 MHz are generally
influenced more by dynamic device behavior than by DNL and,
in these cases, self-calibration is unlikely to produce measurable
benefits. The calibration clock frequency is equal to the DAC clock
divided by the division factor chosen by the DIVSEL value. There
is a fixed pre-divider of 16 and it is multiplied by the DIVSEL,
which has a range of divide by 2 -256. Each calibration clock
cycle is between 32 and 2048 DAC input clock cycles, depending
on the value of DIVSEL[2:0] (Register 0x0E, Bits[2:0]). The
frequency of the calibration clock should be between 0.5 MHz
and 4 MHz for reliable calibrations. Best results are obtained by
setting DIVSEL[2:0] to produce a calibration clock frequency
between these values. Separate self-calibration hardware is
included for each DAC. The DACs can be self-calibrated
individually or simultaneously.
To perform a device self-calibration, use the following procedure:
1.
Write 0x00 to Register 0x12. This ensures that the UNCALI
and UNCALQ bits (Bit 1 and Bit 0) are reset.
2.
Set up a calibration clock between 0.5 MHz and 4 MHz
using DIVSEL[2:0], and then enable the calibration clock
by setting the CALCLK bit (Register 0x0E, Bit 3).
3.
Select the DAC(s) to self-calibrate by setting either Bit 4
(CALSELI) for the I DAC and/or Bit 5 (CALSELQ) for
the Q DAC in Register 0x0E. Note that each DAC contains
independent calibration hardware so that they can be
calibrated simultaneously.
4.
Start self-calibration by setting Bit 4 (CALEN) in Register 0x12.
Wait approximately 300 calibration clock cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com