Electronic Components Datasheet Search
  English  ▼

X  

AD9136BCPAZ Datasheet(PDF) 64 Page - Analog Devices

Part # AD9136BCPAZ
Description  Digital-to-Analog Converters
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9136BCPAZ Datasheet(HTML) 64 Page - Analog Devices

Back Button AD9136BCPAZ Datasheet HTML 60Page - Analog Devices AD9136BCPAZ Datasheet HTML 61Page - Analog Devices AD9136BCPAZ Datasheet HTML 62Page - Analog Devices AD9136BCPAZ Datasheet HTML 63Page - Analog Devices AD9136BCPAZ Datasheet HTML 64Page - Analog Devices AD9136BCPAZ Datasheet HTML 65Page - Analog Devices AD9136BCPAZ Datasheet HTML 66Page - Analog Devices AD9136BCPAZ Datasheet HTML 67Page - Analog Devices AD9136BCPAZ Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 117 page
background image
AD9135/AD9136
Data Sheet
Rev. C | Page 64 of 117
When considering the trace width vs. copper weight and
thickness, the speed of the interface must be considered. At
multigigabit speeds, the skin effect of the conducting material
confines the current flow to the surface. Maximize the surface
area of the conductor by making the trace width made wider to
reduce the losses. Additionally, loosely couple differential traces
to accommodate the wider trace widths. This helps reduce the
crosstalk and minimize the impedance mismatch when the
traces must separate to accommodate components, vias,
connectors, or other routing obstacles. Tightly coupled vs.
loosely coupled differential traces are shown in Figure 71.
Figure 71. Tightly Coupled vs. Loosely Coupled Differential Traces
AC Coupling Capacitors
The AD9135/AD9136 require that the JESD204B input signals
be ac-coupled to the source. These capacitors must be 100 nF
and placed as close as possible to the transmitting logic device.
To minimize the impedance mismatch at the pads, select the
package size of the capacitor so that the pad size on the PCB
matches the trace width as closely as possible.
SYNCOUTx±, SYSREF±, and CLK± Signals
The SYNCOUTx± and SYSREF± signals on the AD9135/
AD9136 are low speed LVDS differential signals. Use controlled
impedance traces routed with 100 Ω differential impedance and
50 Ω to ground when routing these signals. As with the
SERDIN0± to SERDIN7± data pairs, it is important to keep
these signals separated from potential noise sources such as
high speed digital signals and noisy supplies.
Separate the SYNCOUTx± signal from other noisy signals,
because noise on the SYNCOUTx± may be interpreted as a
request for K characters. The SYNCOUTx± signal has two
modes of operation available for use. Register 0x2A5[0] defaults
to 0, which sets the SYNCOUTx± swing to normal swing mode.
When this bit is set to 1, the SYNCOUTx± swing is configured
for high swing mode. For more details, see Table 8.
It is important to keep similar trace lengths for the CLK± and
SYSREF± signals from the clock source to each of the devices
on either end of the JESD204B links (see Figure 72). If using a
clock chip that can tightly control the phase of CLK± and
SYSREF±, the trace length matching requirements are greatly
reduced.
Figure 72. SYSREF Signal and Device Clock Trace Length
Tx
DIFF A
Tx
DIFF A
Tx
DIFF B
Tx
DIFF B
TIGHTLY COUPLED
DIFFERENTIAL Tx LINES
LOOSELY COUPLED
DIFFERENTIAL Tx LINES
CLOCK SOURCE
(AD9516-1, ADCLK925)
LANE 0
LANE 1
LANE N – 1
LANE N
DEVICE CLOCK
DEVICE CLOCK
SYSREF
SYSREF
SYSREF TRACE LENGTH
SYSREF TRACE LENGTH
DEVICE CLOCK TRACE LENGTH
DEVICE CLOCK TRACE LENGTH
Tx
DEVICE
Rx
DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com