| Electronic Components Datasheet Search |
|
AD9734BBCRL Datasheet(PDF) 53 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9734BBCRL Datasheet(HTML) 53 Page - Analog Devices |
|
53 / 72 page ![]() Data Sheet AD9734/AD9735/AD9736 Rev. B | Page 53 of 72 DAC DATA SOURCES The circuit shown in Figure 96 allows optimum data alignment when running the AD973x at full speed. This circuit can be easily implemented in the FPGA or ASIC used to drive the digital input. It is important to use the DATACLK_OUT signal because it helps to cancel some of the timing errors. In this configuration, DATACLK_OUT generates the DDR LVDS DATACLK_IN to drive the AD973x. The circuit aligns the DATACLK_IN and the digital input data (DB<13:0>) as required by the AD973x. The LVDS controller in the AD973x uses DATACLK_IN to generate the internal DSS to capture the incoming data in the center of the valid data window. MUX MUX D1 DATACLK_OUT FROM AD9736 (DDR) DATACLK_IN TO AD9736 (DDR) DB(13:0) TO AD9736 DATA SOURCE LOGIC 0 LOGIC 1 DATA2 DATA1 D2 Figure 96. Recommended FPGA/ASIC Configuration for Driving AD9736 Digital Inputs, 1× Mode DATA1 DATA2 AC AC E B AB C D B D D1 D2 DB DATACLK_OUT+ DATACLK_IN+ Figure 97. FPGA/ASIC Timing for Driving AD973x Digital Inputs, 1× Mode To operate in 2× mode, the circuit in Figure 96 must be modified to include a divide-by-2 block in the path of DATACLK_OUT. Without this additional divider, the data and DATACLK_IN runs 2× too fast. DATACLK_OUT is always DACCLK/2. Contact FPGA vendors directly regarding the maximum output data rates supported by their products. MUX MUX D1 DATACLK_OUT FROM AD9736 (DDR) DATACLK_IN TO AD9736 (DDR) DB(13:0) TO AD9736 DATA SOURCE LOGIC 1 LOGIC 0 DATA2 DATA1 D2 ÷2 Figure 98. Recommended FPGA/ASIC Configuration for Driving AD9736 Digital Inputs, 2× Mode CLK_OUT+/2 DATA2 DATA1 AC AC E B AB C D B D D1 D2 DB DATACLK_OUT+ DATACLK_IN+ Figure 99. FPGA/ASIC Timing for Driving AD973x Digital Inputs, 2× Mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |