Electronic Components Datasheet Search
  English  ▼

X  

AD9739 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9739
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9739 Datasheet HTML 2Page - Analog Devices AD9739 Datasheet HTML 3Page - Analog Devices AD9739 Datasheet HTML 4Page - Analog Devices AD9739 Datasheet HTML 5Page - Analog Devices AD9739 Datasheet HTML 6Page - Analog Devices AD9739 Datasheet HTML 7Page - Analog Devices AD9739 Datasheet HTML 8Page - Analog Devices AD9739 Datasheet HTML 9Page - Analog Devices AD9739 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
AD9739
Data Sheet
Rev. E | Page 6 of 50
LVDS DIGITAL SPECIFICATIONS
VDDA = VDD33 = 3.3 V, VDDC = VDD = 1.8 V, I
OUTFS = 20 mA. LVDS drivers and receivers are compliant to the IEEE Standard 1596.3-
1996 reduced range link, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
LVDS DATA INPUTS (DB0[13:0], DB1[13:0])1
Input Common-Mode Voltage Range, V
COM
825
1575
mV
Logic High Differential Input Threshold, V
IH_DTH
175
400
mV
Logic Low Differential Input Threshold, V
IL_DTH
−175
−400
mV
Receiver Differential Input Impedance, R
IN
80
120
Ω
Input Capacitance
1.2
pF
LVDS Input Rate
1250
MSPS
LVDS Minimum Data Valid Period, t
VALID (See Figure 41)
344
ps
LVDS CLOCK INPUT (DCI and SYNC_IN)2
Input Common-Mode Voltage Range, V
COM
825
1575
mV
Logic High Differential Input Threshold, V
IH_DTH
175
400
mV
Logic Low Differential Input Threshold, V
IL_DTH
−175
−400
mV
Receiver Differential Input Impedance, R
IN
80
120
Ω
Input Capacitance
1.2
pF
Maximum Clock Rate
625
MHz
LVDS CLOCK OUTPUT (DCO and SYNC_OUT)3
Output Voltage High (x_P or x_N)
1375
mV
Output Voltage Low (x_P or x_N)
1025
mV
Output Differential Voltage, |V
OD|
150
200
250
mV
Output Offset Voltage, V
OS
1150
1250
mV
Output Impedance, Single-Ended, R
O
80
100
120
Ω
R
O Single-Ended Mismatch
10
%
Maximum Clock Rate
625
MHz
1 DB0[x]P, DB0[x]N, DB1[x]P, and DB1[x]N pins.
2 DCI_P and DCI_N pins, as well as SYNC_IN_P and SYNC_IN_N pins.
3 DCO_P and DCO_N pins, as well as SYNC_OUT_P/SYNC_OUT_N pins with 100 Ω differential termination.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com