Electronic Components Datasheet Search
  English  ▼

X  

AD9780BCPZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD9780BCPZ
Description  LVDS Interface, 500 MSPS DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9780BCPZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9780BCPZ Datasheet HTML 7Page - Analog Devices AD9780BCPZ Datasheet HTML 8Page - Analog Devices AD9780BCPZ Datasheet HTML 9Page - Analog Devices AD9780BCPZ Datasheet HTML 10Page - Analog Devices AD9780BCPZ Datasheet HTML 11Page - Analog Devices AD9780BCPZ Datasheet HTML 12Page - Analog Devices AD9780BCPZ Datasheet HTML 13Page - Analog Devices AD9780BCPZ Datasheet HTML 14Page - Analog Devices AD9780BCPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
AD9780/AD9781/AD9783
Rev. C | Page 11 of 32
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
CODE
4096
0
8192
12,288
16,383
Figure 11. AD9781 INL, TA = 85°C, FS = 20 mA
0.4
0.6
0.2
0
–0.2
–0.4
–1.0
–0.8
–0.6
0
4096
8192
12288
16,383
CODE
Figure 12. AD9781 INL, TA = −40°C, FS = 20 mA
0.1
0.2
0
–0.1
–0.2
–0.3
–0.6
–0.5
–0.4
0
1024
2048
3072
4096
CODE
Figure 13. AD9780 INL, TA = −40°C, FS = 20 mA
0.059
–0.060
–0.179
–0.297
–0.416
CODE
4096
0
8192
12,288
16,383
Figure 14. AD9781 DNL, TA = 85°C, FS = 20 mA
0.1
–0.1
0
–0.2
–0.3
–0.4
–0.5
0
16,383
CODE
4096
8192
12,288
Figure 15. AD9781 DNL, TA = −40°C, FS = 20 mA
0
0.1
0.2
–0.1
0
–0.2
–0.3
–0.6
–0.5
–0.4
CODE
1024
2048
3072
4096
Figure 16. AD9780 INL, TA = 85°C, FS = 20 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com