Electronic Components Datasheet Search
  English  ▼

X  

AD9736BBCZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD9736BBCZ
Description  1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9736BBCZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9736BBCZ Datasheet HTML 19Page - Analog Devices AD9736BBCZ Datasheet HTML 20Page - Analog Devices AD9736BBCZ Datasheet HTML 21Page - Analog Devices AD9736BBCZ Datasheet HTML 22Page - Analog Devices AD9736BBCZ Datasheet HTML 23Page - Analog Devices AD9736BBCZ Datasheet HTML 24Page - Analog Devices AD9736BBCZ Datasheet HTML 25Page - Analog Devices AD9736BBCZ Datasheet HTML 26Page - Analog Devices AD9736BBCZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
Data Sheet
AD9734/AD9735/AD9736
Rev. B | Page 23 of 72
AD9736 POWER CONSUMPTION, 20 mA FULL SCALE
DVDD18
DVDD33
CVDD18
AVDD33
TOTAL
fDAC (MHz)
1500
0
250
500
750
1000
1250
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
Figure 39. AD9736 1× Mode Power vs. fDAC at 25°C
fDAC (MHz)
1500
0
250
500
750
1000
1250
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
DVDD18
DVDD33
CVDD18
AVDD33
TOTAL
Figure 40. AD9736, 2× Interpolation Mode Power vs. fDAC at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com