Electronic Components Datasheet Search
  English  ▼

X  

LTC2000 Datasheet(PDF) 37 Page - Analog Devices

Part # LTC2000
Description  16-/14-/11-Bit 2.5Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2000 Datasheet(HTML) 37 Page - Analog Devices

Back Button LTC2000 Datasheet HTML 33Page - Analog Devices LTC2000 Datasheet HTML 34Page - Analog Devices LTC2000 Datasheet HTML 35Page - Analog Devices LTC2000 Datasheet HTML 36Page - Analog Devices LTC2000 Datasheet HTML 37Page - Analog Devices LTC2000 Datasheet HTML 38Page - Analog Devices LTC2000 Datasheet HTML 39Page - Analog Devices LTC2000 Datasheet HTML 40Page - Analog Devices LTC2000 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
LTC2000
37
2000fb
For more information www.linear.com/LTC2000
APPLICATIONS INFORMATION
the differential clock signal need to have accurately con-
trolled impedance and accurate termination as close to
the CKP/N pins of the LTC2000 as possible.
There are several ways to generate the DAC sample clock.
For lab evaluation and testing, a high quality RF signal
generator can provide a clean high frequency sine wave
that is converted to the DAC sample clock with a 1:1 RF
transformer or balun (see Figure 12).
A more integrated clock source is one based on a low
phase noise, low jitter PLL. Figure 13 shows how the
DAC sample clock can be generated from the LTC6946,
a high performance PLL with an internal VCO that can
provide output frequencies from 0.37GHz to 5.7GHz. See
the LTC6946 data sheet for details.
Synchronizing Multiple LTC2000s in Dual-Port Mode
In some applications, it is necessary to synchronize mul-
tiple LTC2000s to each other such that related samples
arrive at all DAC outputs simultaneously. Figures  14
and 15a show a block diagram and sample waveforms
for such a system in which two DACs (X and Y) are to be
synchronized in dual-port mode.
Note that in this example a small timing skew between the
two data signals at the DCKIP/N pins of DACs X and Y has
caused the DCKIP/N rising edges to arrive on opposite
sides of a DAC sample clock (CKP/N) rising edge, and
thus within different CKP/N clock cycles. As a result the
default behavior is for the output of DAC Y to update with
sample N one cycle earlier than the output of DAC X. It
is possible to correct this misalignment and synchronize
DACs X and Y by adjusting the clock synchronizer settings
to subtract one cycle of latency from DAC X, as shown in
the adjusted waveform at the bottom of Figure 15a. See
the Clock Synchronizer section and Figure 7 for more
details on the operation of the clock synchronizer.
In order to synchronize multiple DACs as shown in
Figures  14 and 15a, distribute the DAC sample clock
carefully with matched delays so that it arrives at the
CKP/N pins of all DACs simultaneously. Any remain-
ing timing mismatch between sample clocks will
appear directly as mismatch in the DAC output tim-
ing. Ensure that the timing mismatch between LVDS
data clock signals at the DCKIP/N pins of all DACs is
less than 0.4 cycles of the DAC sample clock, minus
any timing mismatch between the DAC sample clocks.
Be sure to maintain sufficient matching between the tim-
ing of the LVDS data inputs (DAP/N, DBP/N) and DCKIP/N
for each DAC to meet the setup and hold time specifica-
tions (t11, t12) in the Timing Characteristics section.
÷N = 250
÷O = 1
N_DIV
÷R = 10
fPFD
REF±
(fREF)
fREF*
100pF
+
+
100pF
L1
68nH
LTC6946
KPFD
fVCO
KVCO
ICP =
11.2mA
VRF
+
CP
LOOP FILTER
LF(s)
2000 F13
TUNE
RZ
453Ω
50Ω
50Ω
100pF
CI
0.022µF
R_DIV
O_DIV
RF±
*CRYSTEK CVHD-950-100.000 100MHz OSCILLATOR
RF+
RF–
(fRF)
25
15
CP
2700pF
L2
68nH
+
CKP
CKN
LTC2000
Figure 13. DAC Sample Clock Generation with the LTC6946
Figure 12. DAC Sample Clock Generation with an
RF Signal Generator and a 1:1 Balun
+
50Ω
•
•
50Ω
100pF
LTC2000 F12
+
1nF
1nF
50Ω
LTC2000
MINI-CIRCUITS
TC1-1-13M
RF SIGNAL
GENERATOR
CKP
CKN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com