Electronic Components Datasheet Search
  English  ▼

X  

ICS95420YGLNT Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS95420YGLNT
Description  Programmable Timing Control HubTM for Mobile P4TM Systems
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS95420YGLNT Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS95420YGLNT Datasheet HTML 1Page - Integrated Circuit Systems ICS95420YGLNT Datasheet HTML 2Page - Integrated Circuit Systems ICS95420YGLNT Datasheet HTML 3Page - Integrated Circuit Systems ICS95420YGLNT Datasheet HTML 4Page - Integrated Circuit Systems ICS95420YGLNT Datasheet HTML 5Page - Integrated Circuit Systems ICS95420YGLNT Datasheet HTML 6Page - Integrated Circuit Systems ICS95420YGLNT Datasheet HTML 7Page - Integrated Circuit Systems ICS95420YGLNT Datasheet HTML 8Page - Integrated Circuit Systems ICS95420YGLNT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Integrated
Circuit
Systems, Inc.
ICS954204
0933D—03/16/05
Pin Description
PIN # PIN NAME
PIN TYPE DESCRIPTION
1
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
2
GND
PWR
Ground pin.
3
PCICLK3
OUT
PCI clock output.
4
PCICLK4
OUT
PCI clock output.
5
PCICLK5
OUT
PCI clock output.
6
GND
PWR
Ground pin.
7
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
8
ITP_EN/PCICLK_F0
I/O
Free running PCI clock not affected by PCI_STOP#.
ITP_EN: latched input to select pin functionality
1 = CPU_ITP pair
0 = SRC pair
9
*SELSRC_LCDCLK#/PCICLK_F1
I/O
Latched input select for LCD_ss/ SRCCLK output frequency:
0 = LCD,
1 = SRCCLK/ 3.3V free-running PCI clock output.
10
Vtt_PwrGd#/PD
IN
Vtt_PwrGd# is an active low input used to determine when latched inputs
are ready to be sampled. PD is an asynchronous active high input pin used
to put the device into a low power state. The internal clocks, PLLs and the
crystal oscillator are stopped.
11
VDD48
PWR
Power pin for the 48MHz output.3.3V
12
FSLA/USB_48MHz
I/O
3.3V tolerant input for CPU frequency selection. Refer to input electrical
characteristics for Vil_FS and Vih_FS values. / Fixed 48MHz USB clock
output. 3.3V.
13
GND
PWR
Ground pin.
14
DOTT_96MHz
OUT
True clock of differential pair for 96.00MHz DOT clock.
15
DOTC_96MHz
OUT
Complement clock of differential pair for 96.00MHz DOT clock.
16
FSLB/TEST_MODE
IN
3.3V tolerant input for CPU frequency selection. Refer to input electrical
characteristics for Vil_FS and Vih_FS values. TEST_MODE is a real time
input to select between Hi-Z and REF/N divider mode while in test mode.
Refer to Test Clarification Table.
17
LCDCLK_SST/SRCCLKT0
OUT
True clock of LCDCLK_SS output / True clock of SRCCLK differential pair.
Selected by SEL_LCDCLK#
18
LCDCLK_SSC/SRCCLKC0
OUT
Complementary clock of LCDCLK_SS output / Complementary clock of
SRCCLK differential pair. Selected by SEL_LCDCLK#
19
SRCCLKT1
OUT
True clock of differential SRC clock pair.
20
SRCCLKC1
OUT
Complement clock of differential SRC clock pair.
21
VDDSRC
PWR
Supply for SRC clocks, 3.3V nominal
22
SRCCLKT2
OUT
True clock of differential SRC clock pair.
23
SRCCLKC2
OUT
Complement clock of differential SRC clock pair.
24
SRCCLKT3
OUT
True clock of differential SRC clock pair.
25
SRCCLKC3
OUT
Complement clock of differential SRC clock pair.
26
SRCCLKT4_SATA
OUT
True clock of differential SRC/SATA pair.
27
SRCCLKC4_SATA
OUT
Complement clock of differential SRC/SATA pair.
28
VDDSRC
PWR
Supply for SRC clocks, 3.3V nominal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com