Electronic Components Datasheet Search
  English  ▼

X  

MP04686 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP04686
Description  SAW Filter 150.0MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP04686 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP04686 Datasheet HTML 1Page - Golledge Electronics Ltd MP04686 Datasheet HTML 2Page - Golledge Electronics Ltd MP04686 Datasheet HTML 3Page - Golledge Electronics Ltd MP04686 Datasheet HTML 4Page - Golledge Electronics Ltd MP04686 Datasheet HTML 5Page - Golledge Electronics Ltd MP04686 Datasheet HTML 6Page - Golledge Electronics Ltd MP04686 Datasheet HTML 7Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 150.0MHz
Model: TB1004A
Part No: MP04686
Rev No: 1
TB1004A v1
1
A. MAXIMUM RATING:
Electrostatic Sensitive Device (ESD)
1. Operating Temperature: -40°C ~ +85°C
2. Storage Temperature: -40°C ~ +85°C
3. Input power: 10dBm
B. CHARACTERISTICS:
Ambient Temperature: 25°C
Characteristics
Value
Note
Min.
Typ.
Max.
Center frequency Fc MHz
-
150.0
-
-
Minimum Insertion loss IL dB
-
15.5
18
-
1dB BW MHz
50
52.5
-
-
Return Loss
3.7
VSWR
4.7
Phase linearity deg
4.2
6
Rejection at Fc ± 35MHz
40
44
Rejection at Fc ± 75MHz
45
52
Rejection at Fc ± 100MHz
45
53
Rejection from DC ~ 50MHz
50
53
Rejection from 250 ~ 590MHz
35
38
Substrate Material
YZ-LiNbO3
-
Temp Coefficient ppm/K
-
-94
-
-
Matching:
1.The input of the filter will be matched to 50 ohm
2.The output of the filter will be matched to 50 ohm


Similar Part No. - MP04686

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP04680 GOLLEDGE-MP04680 Datasheet
195Kb / 6P
SAW Filter 246.0MHz
MP04681 GOLLEDGE-MP04681 Datasheet
128Kb / 5P
SAW Filter 262.0MHz
MP04682 GOLLEDGE-MP04682 Datasheet
198Kb / 4P
SAW Filter 291.40MHz
MP04683 GOLLEDGE-MP04683 Datasheet
162Kb / 7P
SAW Filter 345.0MHz
MP04685 GOLLEDGE-MP04685 Datasheet
58Kb / 6P
SAW Filter 152.0MHz
More results

Similar Description - MP04686

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
Oscilent Corporation
835-IF150.0M-06A OSCILENT-835-IF150.0M-06A Datasheet
222Kb / 6P
150.0MHz IF SAW Filter 6.5 MHz Bandwidth
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
logo
Golledge Electronics Lt...
MP05444 GOLLEDGE-MP05444 Datasheet
65Kb / 6P
SAW Filter: 150.0MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com