Electronic Components Datasheet Search
  English  ▼

X  

MP05074 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP05074
Description  SAW Filter 75.0MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP05074 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP05074 Datasheet HTML 1Page - Golledge Electronics Ltd MP05074 Datasheet HTML 2Page - Golledge Electronics Ltd MP05074 Datasheet HTML 3Page - Golledge Electronics Ltd MP05074 Datasheet HTML 4Page - Golledge Electronics Ltd MP05074 Datasheet HTML 5Page - Golledge Electronics Ltd MP05074 Datasheet HTML 6Page - Golledge Electronics Ltd MP05074 Datasheet HTML 7Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 75.0MHz
Model: TB1074A
Part No: MP05074
Rev No: 1
TB1074A v1
1
A. MAXIMUM RATING:
E
lectrostatic Sensitive Device (ESD)
1. Maximum Input Power: 10dBm
2. Operating Temperature: -20°C ~ +85°C
3. Storage Temperature: -40°C ~ +85°C
B. CHARACTERISTICS:
Ambient Temperature: 25°C
Characteristics
Value
Note
Min.
Typ.
Max.
Center frequency Fc MHz
-
75.0
-
-
Minimum Insertion loss IL 64MHz ~ 86MHz dB
-
14.8
16.0
-
Passband Ripple 64MHz ~ 86MHz dB
-
1.1
1.5
-
Attenuation
10MHz ~ 55MHz dB
95MHz ~ 200MHz dB
40
38
45
43
-
-
-
Substrate Material
YZ-LiNbO3
-
Temp Coefficient ppm/K
-
-94
-
-
Matching:
1. The input of the filter will be matched to 50ohm
2. The output of the filter will be matched to 50ohm


Similar Part No. - MP05074

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP05073 GOLLEDGE-MP05073 Datasheet
91Kb / 7P
SAW Filter 77.50MHz
MP05075 GOLLEDGE-MP05075 Datasheet
112Kb / 6P
SAW Filter 880.0MHz
MP05078 GOLLEDGE-MP05078 Datasheet
297Kb / 5P
SAW Filter 755.0MHz
More results

Similar Description - MP05074

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
809-SL75.0M-05B OSCILENT-809-SL75.0M-05B Datasheet
210Kb / 6P
75.0MHz IF SAW Filter 5.59MHz Bandwidth
809-SL75.0M-05C OSCILENT-809-SL75.0M-05C Datasheet
213Kb / 6P
75.0MHz IF SAW Filter 5.42MHz Bandwidth
813-IF75.0M-11B OSCILENT-813-IF75.0M-11B Datasheet
217Kb / 6P
75.0MHz IF SAW Filter 11.90MHz Bandwidth
813-SL75.0M-05A OSCILENT-813-SL75.0M-05A Datasheet
213Kb / 6P
75.0MHz IF SAW Filter 5.30MHz Bandwidth
813-SL75.0M-06A OSCILENT-813-SL75.0M-06A Datasheet
213Kb / 6P
75.0MHz IF SAW Filter 6.31MHz Bandwidth
813-SL75.0M-10A OSCILENT-813-SL75.0M-10A Datasheet
213Kb / 6P
75.0MHz IF SAW Filter 10.5MHz Bandwidth
813-SL75.0M-24A OSCILENT-813-SL75.0M-24A Datasheet
212Kb / 6P
75.0MHz IF SAW Filter 24.35MHz Bandwidth
813-SL75.0M-28A OSCILENT-813-SL75.0M-28A Datasheet
213Kb / 6P
75.0MHz IF SAW Filter 28.17MHz Bandwidth
821-IF75.0M-26A OSCILENT-821-IF75.0M-26A Datasheet
186Kb / 6P
75.0MHz IF SAW Filter 26.66MHz Bandwidth
835-IF75.0M-15C OSCILENT-835-IF75.0M-15C Datasheet
180Kb / 6P
75.0MHz IF SAW Filter 15.40MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com