Electronic Components Datasheet Search
  English  ▼

X  

MP05705 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP05705
Description  SAW Filter 70.0MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP05705 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP05705 Datasheet HTML 1Page - Golledge Electronics Ltd MP05705 Datasheet HTML 2Page - Golledge Electronics Ltd MP05705 Datasheet HTML 3Page - Golledge Electronics Ltd MP05705 Datasheet HTML 4Page - Golledge Electronics Ltd MP05705 Datasheet HTML 5Page - Golledge Electronics Ltd MP05705 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, Ilminster
Somerset, TA19 9DQ, UK
SAW Filter 70.0MHz
Model: TB1109A
Part No: MP05705
Rev No: 1
TB1109A v1
1
A. MAXIMUM RATING:
Electrostatic Sensitive Device (ESD)
1. Operating Temperature: -30°C to 60°C
2. Storage Temperature: -40°C to 85°C
3. Input Power: 10dBm
B. ELECTRICAL CHARACTERISTICS:
Ambient Temperature: 25°C
Item
Unit
Min.
Typ.
Max.
Center frequency Fc
MHz
-
70
-
Insertion Loss IL
dB
-
18.4
20
Upper -1dB frequency
MHz
87.5
88.1
-
Lower -1dB frequency
MHz
-
52.2
52.5
Upper -45dB frequency
MHz
-
91.7
94
Lower -45dB frequency
MHz
47
49.1
-
Ultimate rejection
1MHz ~ 45MHz
95MHz ~ 120MHz
dB
dB
40
35
43
40
Passband Ripple
52.5 – 87.5MHz
dB
-
0.81
1.2
Absolute Group Time Delay
nsec
790
820
850
Temperature Coefficient
ppm/°C
-
-72
-
Source Impedance (Balanced)
Ohm
-
50
-
Load Impedance (Balanced)
Ohm
-
50
-


Similar Part No. - MP05705

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP05704 GOLLEDGE-MP05704 Datasheet
123Kb / 5P
SAW Filter 70.0MHz
MP05706 GOLLEDGE-MP05706 Datasheet
59Kb / 5P
SAW Filter 97.0MHz
MP05707 GOLLEDGE-MP05707 Datasheet
44Kb / 4P
SAW Filter 106.0MHz
MP05708 GOLLEDGE-MP05708 Datasheet
59Kb / 5P
SAW Filter 113.0MHz
More results

Similar Description - MP05705

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA05435 GOLLEDGE-MA05435 Datasheet
102Kb / 3P
70.0MHz SAW Filter
MA05987 GOLLEDGE-MA05987 Datasheet
116Kb / 3P
70.0MHz SAW Filter
MA06843 GOLLEDGE-MA06843 Datasheet
138Kb / 3P
SAW Filter: 70.0MHz
MA06965 GOLLEDGE-MA06965 Datasheet
106Kb / 3P
SAW Filter 70.0MHz
MA07421 GOLLEDGE-MA07421 Datasheet
95Kb / 3P
SAW Filter 70.0MHz
MA06738 GOLLEDGE-MA06738 Datasheet
108Kb / 3P
SAW Filter 70.0MHz
MP05682 GOLLEDGE-MP05682 Datasheet
169Kb / 5P
SAW Filter 70.0MHz
MP04766 GOLLEDGE-MP04766 Datasheet
104Kb / 5P
SAW Filter 70.0MHz
MP05012 GOLLEDGE-MP05012 Datasheet
240Kb / 5P
SAW Filter 70.0MHz
MP07281 GOLLEDGE-MP07281 Datasheet
153Kb / 6P
SAW Filter 70.0MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com