Electronic Components Datasheet Search
  English  ▼

X  

MP05863 Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part # MP05863
Description  SAW Filter 169.040MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP05863 Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  MP05863 Datasheet HTML 1Page - Golledge Electronics Ltd MP05863 Datasheet HTML 2Page - Golledge Electronics Ltd MP05863 Datasheet HTML 3Page - Golledge Electronics Ltd MP05863 Datasheet HTML 4Page - Golledge Electronics Ltd MP05863 Datasheet HTML 5Page - Golledge Electronics Ltd MP05863 Datasheet HTML 6Page - Golledge Electronics Ltd MP05863 Datasheet HTML 7Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 169.040MHz
Model: TB1006A
Part No: MP05863
Rev No: 1
TB1006A v1
2
C. FREQUENCY CHARACTERISTICS:
1. Wide band Response: (span 200MHz) (Typical performance at 25°C)
Fig. 1. Horizontal: 20MHz / Div, Vertical: 10Db / Div
2. Pass band Response and Group Time Delay response:
Fig. 2. Horizontal: 2MHz / Div, Vertical: 1dB / Div, Vertical: 100ns / Div
161.04
163.04
165.04
167.04
169.04
171.04
173.04
175.04
177.04
159.04
179.04
-14
-13
-12
-11
-10
-9
-8
-7
-6
-15
-5
6.1E-7
6.2E-7
6.3E-7
6.4E-7
6.5E-7
6.6E-7
6.7E-7
6.8E-7
6.9E-7
7.0E-7
7.1E-7
7.2E-7
7.3E-7
7.4E-7
7.5E-7
7.6E-7
7.7E-7
7.8E-7
7.9E-7
6.0E-7
8.0E-7
freq, MHz
89.04
109.04
129.04
149.04
169.04
189.04
209.04
229.04
249.04
69.04
269.04
-70
-60
-50
-40
-30
-20
-10
-80
0
freq, MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com