Electronic Components Datasheet Search
  English  ▼

X  

UB209B Datasheet(PDF) 10 Page - Unisonic Technologies

Part # UB209B
Description  BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB209B Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button UB209B Datasheet HTML 2Page - Unisonic Technologies UB209B Datasheet HTML 3Page - Unisonic Technologies UB209B Datasheet HTML 4Page - Unisonic Technologies UB209B Datasheet HTML 5Page - Unisonic Technologies UB209B Datasheet HTML 6Page - Unisonic Technologies UB209B Datasheet HTML 7Page - Unisonic Technologies UB209B Datasheet HTML 8Page - Unisonic Technologies UB209B Datasheet HTML 9Page - Unisonic Technologies UB209B Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
UB209B
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
10 of 10
www.unisonic.com.tw
QW-R502-943.c
TYPICAL APPLICATION CIRCUIT
EB-
EB+
1 MΩ
510 kΩ
1 MΩ
510 kΩ
1 kΩ
1 kΩ
1 kΩ
1 kΩ
1 kΩ
1 kΩ
1 MΩ
1 MΩ
CFET
DFET
CO3
DO3
CTLC3
CTLD3
VSS3
CDT3
CB3
VDD3
470 Ω
0.01 µF
0.1 µF
BAT3
470 Ω
0.1 µF
0.1 µF
470 Ω
BAT2
BAT1
CO2
DO2
CTLC2
CTLD2
VSS2
CDT2
CB2
VDD2
CO1
DO1
CTLC1
CTLD1
VSS1
CDT1
CB1
VDD1
UTC UB209B
(3)
UTC UB209B
(2)
UTC UB209B
(1)
Figure 10
Caution:
1. The above constants may be changed without notice.
2. The example of connection shown above and the constant do not guarantee proper operation. Perform thorough
evaluation using the actual application to set the constant.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com