Electronic Components Datasheet Search
  English  ▼

X  

ESDALC6V1P5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDALC6V1P5
Description  QUAD LOW CAPACITANCE TRANSIL ARRAY FOR ESD PROTECTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1P5 Datasheet(HTML) 3 Page - STMicroelectronics

  ESDALC6V1P5 Datasheet HTML 1Page - STMicroelectronics ESDALC6V1P5 Datasheet HTML 2Page - STMicroelectronics ESDALC6V1P5 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1P5 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1P5 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ESDALC6V1P5
3/5
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0
25
50
75
100
125
150
P
[T initial] / P
[T initial=25°C)
PP
j
PP
j
T (°C)
j
Fig. 1: Relative variation of peak pulse power
versus initial junction temperature.
10
100
1000
1
10
100
P(W)
PP
T (µs)
p
T initial=25°C
j
Fig. 2: Peak pulse power versus exponential pulse
duration.
0.1
1.0
10.0
100.0
0
10
20304050
6070
I
(A)
PP
V
(V)
CL
t =2.5µs
T initial=25°C
p
j
Fig. 3: Clamping voltage versus peak pulse
current (typical values, rectangular waveform).
1.E-03
1.E-02
1.E-01
1.E+00
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
I
(A)
FM
V
(V)
FM
T =25°C
j
T =125°C
j
Fig. 4: Forward voltage drop versus peak forward
current (typical values).
C(pF)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
01
234
56
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
V (V)
R
Fig. 5: Junction capacitance versus reverse
voltage applied (typical values).
I [T ] / I [T =25°C]
Rj
Rj
1
10
100
1000
25
50
75
100
125
T (°C)
j
V =3V
R
Fig. 6: Relative variation of leakage current versus
junction temperature (typical values).



Html Pages

1 2 3 4 5