Electronic Components Datasheet Search
  English  ▼

X  

CA16755 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA16755
Description  ~120째 x 90째 rectangle beam for 4:3 aspect ratio cameras. Assembly with tape.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA16755 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA16755 Datasheet HTML 1Page - Ledil, Inc. CA16755 Datasheet HTML 2Page - Ledil, Inc. CA16755 Datasheet HTML 3Page - Ledil, Inc. CA16755 Datasheet HTML 4Page - Ledil, Inc. CA16755 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
CA16755_IRIE-A
IRIE-A
~120° x 90° rectangle beam for 4:3 aspect ratio
cameras. Assembly with tape.
TECHNICAL SPECIFICATIONS:
Dimensions
14.0 mm
Height
5.1 mm
Fastening
tape, pin
Colour
Box size
480 x 280 x 300 mm
Box weight
5.8 kg
Quantity in Box
5544 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
IRIE-A
Lens
PMMA
VERONICA-SQ-MINI-TAPE
Tape
Acrylic foam
clear
Last update: 12/11/2018
Subject to change without prior notice
Published: 05/11/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/5


Similar Part No. - CA16755

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA16705 LEDIL-CA16705 Datasheet
2Mb / 5P
~55째 wide beam
CA16707 LEDIL-CA16707 Datasheet
1Mb / 4P
~15째 diffused spot beam
More results

Similar Description - CA16755

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA16372 LEDIL-CA16372 Datasheet
1Mb / 4P
~90째 beam. Assembly with installation tape
CA10244 LEDIL-CA10244_18 Datasheet
2Mb / 4P
~65째 wide beam. Assembly with tape.
CA10252 LEDIL-CA10252_18 Datasheet
2Mb / 4P
~25째 medium beam. Assembly with tape.
CA11240 LEDIL-CA11240_18 Datasheet
2Mb / 4P
~8째 35째 oval beam. Variant with beam direction rotated 90째. Assembly with tape.
CA10563 LEDIL-CA10563 Datasheet
2Mb / 4P
25 x 25 mm lens with ~90째 x 8째 oval beam. Assembly with installation tape.
CA13156 LEDIL-CA13156_18 Datasheet
3Mb / 10P
Asymmetric beam. Assembly with installation tape.
FA11948 LEDIL-FA11948 Datasheet
2Mb / 7P
~90째 160째 wide beam. Assembly with installation tape.
CA12396 LEDIL-CA12396 Datasheet
1Mb / 4P
~90째 170째 wide area beam. Assembly with installation tape.
CS16619 LEDIL-CS16619 Datasheet
5Mb / 4P
~120째 wide beam
CA13057 LEDIL-CA13057 Datasheet
3Mb / 8P
~100째 x 20째 oval beam. Assembly with installation tape
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com