Electronic Components Datasheet Search
  English  ▼

X  

FII30-12D Datasheet(PDF) 1 Page - IXYS Corporation

Part # FII30-12D
Description  Fast IGBT Chopper in ISOPLUS i4-PACTM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

FII30-12D Datasheet(HTML) 1 Page - IXYS Corporation

  FII30-12D Datasheet HTML 1Page - IXYS Corporation FII30-12D Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 - 2
© 2000 IXYS All rights reserved
FII 30-12D
Features
• NPT IGBT
- low saturation voltage
- no latch up
- positive temperature coefficient for
easy paralleling
• HiPerFREDTM diode
- fast reverse recovery
- low operating forward voltage
- low leakage current
• ISOPLUS i4-PACTM package
- isolated back surface
- enlarged creepage towards heatsink
- application friendly pinout
- low inductive current path
- high reliability
- industry standard outline
Applications
• single phaseleg
- buck-boost chopper
• H bridge
- power supplies
- induction heating
- four quadrant DC drives
- controlled rectifier
• three phase bridge
- AC drives
- controlled rectifier
IGBT
Symbol
Conditions
Maximum Ratings
V
CES
T
VJ = 25°C to 150°C
1200
V
V
GES
± 20
V
I
C25
T
C =
25°C
30
A
I
C90
T
C =
90°C
18
A
I
CM
V
GE = ±15 V; RG = 82 Ω; TVJ = 125°C
35
A
V
CEK
RBSOA, Clamped inductive load; L = 100 µH
V
CES
t
SC
V
CE = VCES; VGE = ±15 V; RG = 82 Ω; TVJ = 125°C
10
µs
(SCSOA)
non-repetitive
P
tot
T
C = 25°C
125
W
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
V
CE(sat)
I
C = 20 A; VGE = 15 V; TVJ =
25°C
2.3
3.0
V
T
VJ = 125°C
2.6
V
V
GE(th)
I
C = 0.6 mA; VGE = VCE
4.5
6.5
V
I
CES
V
CE = VCES; VGE = 0 V; TVJ =
25°C
0.9
mA
T
VJ = 125°C
0.9
mA
I
GES
V
CE = 0 V; VGE = ± 20 V
200
nA
t
d(on)
100
ns
t
r
75
ns
t
d(off)
500
ns
t
f
70
ns
E
on
3.0
mJ
E
off
2.4
mJ
C
ies
V
CE = 25 V; VGE = 0 V; f = 1 MHz
1000
pF
Q
Gon
V
CE = 600V; VGE = 15 V; IC = 18 A
70
nC
R
thJC
1.0 K/W
Inductive load, T
VJ = 125°C
V
CE = 600 V; IC = 20 A
V
GE =
±15 V; R
G = 82 Ω
I
C25
= 30 A
V
CES
= 1200 V
V
CE(sat) typ. = 2.3 V
Fast IGBT Chopper
in ISOPLUS i4-PACTM
1
5
Advanced Technical Information
IXYS Semiconductor GmbH
Edisonstr. 15,
D-68623 Lampertheim
Phone: +49-6206-503-0, Fax: +49-6206-503627
IXYS Corporation
3540 Bassett Street, Santa Clara CA 95054
Phone: (408) 982-0700, Fax: 408-496-0670


Similar Part No. - FII30-12D

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
FII30-12E IXYS-FII30-12E Datasheet
72Kb / 4P
NPT3 IGBT
More results

Similar Description - FII30-12D

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
L468 IXYS-L468 Datasheet
45Kb / 2P
Dual HiPerFREDTM Epitaxial Diode in ISOPLUS i4-PACTM
L532 IXYS-L532 Datasheet
47Kb / 2P
IGBT phaseleg in ISOPLUS i4-PAC
IXFF24N100 IXYS-IXFF24N100 Datasheet
72Kb / 2P
HiPerFETTM Power Mosfet in High Voltage ISOPLUS I4-PACTM
FID36-06D IXYS-FID36-06D Datasheet
47Kb / 2P
IGBT Chopper in ISOPLUS i4-PACTM
FMM75-01F IXYS-FMM75-01F Datasheet
46Kb / 2P
HiPerFETTM Power MOSFET Phaseleg Topology in ISOPLUS i4-PACTM
FUO22-12N IXYS-FUO22-12N Datasheet
32Kb / 2P
Three Phase Rectifier Bridge in ISOPLUS i4-PACTM
FID35-06C IXYS-FID35-06C Datasheet
48Kb / 2P
Fast IGBT Chopper in ISOPLUS i4-PACTM
FID60-06D IXYS-FID60-06D Datasheet
49Kb / 2P
IGBT Boost Chopper in ISOPLUS i4-PAC
FUE30-12N1 IXYS-FUE30-12N1 Datasheet
66Kb / 3P
Fast Three Phase Rectifier Bridge in ISOPLUS i4-PACTM
FUS45-0045B IXYS-FUS45-0045B Datasheet
36Kb / 1P
Schottky Three Phase Rectifier Bridge in ISOPLUS i4-PACTM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com