Electronic Components Datasheet Search
  English  ▼

X  

FCN12076 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FCN12076
Description  ~5째 real spot beam with holder optimized for CREE XP-E. Assembly with screws.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FCN12076 Datasheet(HTML) 1 Page - Ledil, Inc.

  FCN12076 Datasheet HTML 1Page - Ledil, Inc. FCN12076 Datasheet HTML 2Page - Ledil, Inc. FCN12076 Datasheet HTML 3Page - Ledil, Inc. FCN12076 Datasheet HTML 4Page - Ledil, Inc. FCN12076 Datasheet HTML 5Page - Ledil, Inc. FCN12076 Datasheet HTML 6Page - Ledil, Inc. FCN12076 Datasheet HTML 7Page - Ledil, Inc. FCN12076 Datasheet HTML 8Page - Ledil, Inc. FCN12076 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PRODUCT
DATASHEET
FCN12076_IRIS-SCREW
IRIS-SCREW
~5° real spot beam with holder optimized for
CREE XP-E. Assembly with screws.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 38.0 mm
Height
26.9 mm
Fastening
glue, pin, screw
Colour
black
Box size
Box weight
0 kg
Quantity in Box
360 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
IRIS
Lens
PMMA
clear
IRIS-XP-HLD
Holder
PC
black
Last update: 05/06/2018
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/10


Similar Part No. - FCN12076

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
FCN1206A102J-H2 CDE-FCN1206A102J-H2 Datasheet
559Kb / 8P
Surface Mount Film Capacitors
logo
List of Unclassifed Man...
FCN1206A102J-H2 ETC2-FCN1206A102J-H2 Datasheet
492Kb / 9P
Stable Stacked Metallized Film (PEN) Chips for Reflow Soldering
logo
Cornell Dubilier Electr...
FCN1206A102J-H2 CDE-FCN1206A102J-H2 Datasheet
599Kb / 9P
Stable Stacked Metallized Film (PEN) Chips for Reflow Soldering
FCN1206A122J-H2 CDE-FCN1206A122J-H2 Datasheet
559Kb / 8P
Surface Mount Film Capacitors
logo
List of Unclassifed Man...
FCN1206A122J-H2 ETC2-FCN1206A122J-H2 Datasheet
492Kb / 9P
Stable Stacked Metallized Film (PEN) Chips for Reflow Soldering
More results

Similar Description - FCN12076

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP12677 LEDIL-CP12677 Datasheet
2Mb / 4P
~14째 spot beam optimized for CREE XP-E. Assembly with holder.
CP12678 LEDIL-CP12678_16 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for CREE XP-E. Assembly with holder.
FA10887 LEDIL-FA10887_18 Datasheet
5Mb / 5P
~13째 spot beam optimized for CREE XP-E. Assembly with holder and installation tape.
FA11905 LEDIL-FA11905_18 Datasheet
3Mb / 7P
~13째 spot beam optimized for CREE XP-E. Assembly with holder and installation tape.
CA12816 LEDIL-CA12816 Datasheet
4Mb / 5P
~8.5째 spot beam optimized for CREE XP-E
CA11959 LEDIL-CA11959 Datasheet
1Mb / 10P
~8째 spot beam optimized for CREE XP-E
FCA12077 LEDIL-FCA12077 Datasheet
5Mb / 14P
~5째 real spot beam optimized for CREE XP-E
FCA12104 LEDIL-FCA12104 Datasheet
5Mb / 6P
~5째 real spot beam optimized for CREE XM-L.
FA11739 LEDIL-FA11739 Datasheet
2Mb / 5P
~8.5째 spot beam optimized for CREE XP-E
FCN12103 LEDIL-FCN12103 Datasheet
1Mb / 5P
~5째 spot beam with holder optimized for CREE XM-L
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com