| Electronic Components Datasheet Search |
|
MSC1163 Datasheet(PDF) 12 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSC1163 Datasheet(HTML) 12 Page - OKI electronic componets |
|
12 / 13 page ![]() ¡ Semiconductor MSC1163 12/13 FUNCTIONAL DESCRIPTION Notes on Use 1. The MSC1163GS is designed as an anode driver of VFD. The data applied to the data input pin is read into the shift register at the rising edge of the clock and shifted sequencially to the shift register synchronizing with the clock. The shift register output drives the output driver, passing through the latch and the NOR circuit. Setting the CL pin to "L" makes all driver outputs go into "L". This function can be used for setting display blanking. 2. The contents of the shift register are undefined after power is turned on. Therefore, two or more driver outputs may go into "H" at the same time after power- on. To avoid this, take the following procedure: 1) Turn on the power of the logic portion while holding the CL pin to "L". 2) Turn on the power of the driver portion. 3) Apply a "L" level signal to the DIN pin and send clock pulses by the specified number of grids to reset ("L") the entire contents of the shift register. CLK R-1 R/L H H H L R1n R1n R2n R2n R3n R3n R39n R39n R39n R39n CL CHG LS X H L L X X H H L H H L X X H L R.X HVO.X L H H H LL NC X H DOUT R-40 • • • • • • • • R-4 R-3 R-2 L L R2n R2n R3n R3n R4n R4n R5n R5n H L R2n R2n DIN H L H L Function Table L : Low Level, H: High Level, X: Don't Care, NC: No Change |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |