Electronic Components Datasheet Search
  English  ▼

X  

MAX9380 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9380
Description  Single-Ended-to-Differential LVECL/LVPECL 2:1 Multiplexer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9380 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9380 Datasheet HTML 1Page - Maxim Integrated Products MAX9380 Datasheet HTML 2Page - Maxim Integrated Products MAX9380 Datasheet HTML 3Page - Maxim Integrated Products MAX9380 Datasheet HTML 4Page - Maxim Integrated Products MAX9380 Datasheet HTML 5Page - Maxim Integrated Products MAX9380 Datasheet HTML 6Page - Maxim Integrated Products MAX9380 Datasheet HTML 7Page - Maxim Integrated Products MAX9380 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Single-Ended-to-Differential
LVECL/LVPECL 2:1 Multiplexer
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC - VEE = +3.0V to +3.8V, outputs terminated with 50
Ω to VCC - 2.0V, unless otherwise noted.) (Notes 1, 2, 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC - VEE...............................................................-0.3V to +4.1V
Inputs (Da, Db, SEL).............................VEE - 0.3V to VCC + 0.3V
Output Current (Continuous)...............................................50mA
Output Current (Surge) .....................................................100mA
Junction-to-Ambient Thermal Resistance in Still Air
8-Pin µMAX ..............................................................+221°C/W
8-Pin SO* .................................................................+170°C/W
Junction-to-Ambient Thermal Resistance with
500LFPM Airflow
8-Pin µMAX ..............................................................+155°C/W
8-Pin SO* ...................................................................+99°C/W
Junction-to-Case Thermal Resistance
8-Pin µMAX ................................................................+39°C/W
8-Pin SO.....................................................................+40°C/W
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
ESD Protection
Human Body Model (Inputs and Outputs) .........................2kV
Soldering Temperature (10s) ...........................................+300°C
* Rating is for exposed paddle not connected.
-40
°C
+25
°C
+85
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUTS (Da, Db, SEL)
Input High Voltage
VIH
VCC -
1.210
VCC -
0.885
VCC -
1.145
VCC -
0.820
VCC -
1.085
VCC -
0.760
V
Input Low Voltage
VIL
VCC -
1.935
VCC -
1.610
VCC -
1.870
VCC -
1.545
VCC -
1.81
VCC -
1.485
V
Input High Current
IIH
VIN = VIH(MAX)
150
150
150
µA
Input Low Current
IIL
VIN = VIL(MIN)
0.5
0.5
0.5
µA
OUTPUTS (Q, Q)
Single-Ended
Output High
Voltage
VOH
Figure 1
VCC -
1.135
VCC -
0.979
VCC -
0.885
VCC -
1.07
VCC -
0.959
VCC -
0.82
VCC -
1.01
VCC -
0.947
VCC -
0.76
V
Single-Ended
Output Low
Voltage
VOL
Figure 1
VCC -
1.935
VCC -
1.721
VCC -
1.685
VCC -
1.87
VCC -
1.698
VCC -
1.62
VCC -
1.81
VCC -
1.681
VCC -
1.56
V
Differential Output
Voltage
VOH -
VOL
Figure 1
550
748
550
741
550
734
mV
POWER SUPPLY
Supply Current
IEE
(Note 4)
18
26
20
26
22
30
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com