Electronic Components Datasheet Search
  English  ▼

X  

MSC1164 Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSC1164
Description  20-Bit Grid/Anode Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1164 Datasheet(HTML) 5 Page - OKI electronic componets

  MSC1164 Datasheet HTML 1Page - OKI electronic componets MSC1164 Datasheet HTML 2Page - OKI electronic componets MSC1164 Datasheet HTML 3Page - OKI electronic componets MSC1164 Datasheet HTML 4Page - OKI electronic componets MSC1164 Datasheet HTML 5Page - OKI electronic componets MSC1164 Datasheet HTML 6Page - OKI electronic componets MSC1164 Datasheet HTML 7Page - OKI electronic componets MSC1164 Datasheet HTML 8Page - OKI electronic componets MSC1164 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
¡ Semiconductor
MSC1164
5/13
PIN DESCRIPTION
Pin
Symbol
Function
Description
26 - 7
HVO1 -
HVO20
Driver Output
Driver output pin, applicable to each bit of shift register.
27
VHV
Driver Power Supply
Power supply pin for driver circuit.
28
GND
Driver GND
Logic GND
GND pin for the driver circuit.
GND pin for the logic circuit.
Clear input pin with pull-up resistor. Normally "H" level. In this
condition, the driver outputs "H" or "L" according to the
corresponding latch output level. Setting this pin to "L" enables
the driver output to be fixed at "L" irrespective of latch output.
CL
Clear Input
5
Latch strobe input pin with neither pull-up nor pull-down resistor.
When LS is "H", the output of the shift register becomes that of the
latch circuit.
When LS is "L", the latch circuit holds the contents of the shift
register that are immediately before LS goes "L".
LS
Latch Strobe Input
4
30
DIN
Data Input
Shift register input pin with neither pull-up nor pull-down resistor.
Display data is input in synchronization with clock. (Positive Logic)
6
VCC
Logic Power Supply
Power supply pin for logic (except driver).
VCC should be 4.5V to 5.5V.
29
CLK
Clock Input
Clock input pin. Data of shift register is shifted from one stage to
the next at the rising edge of clock.
3
DOUT
Data Output
Serial output pin for shift register.
31
CHG
Test Input
Test input pin with a pull-down resistor. Normally "L". If CL = "H"
in this condition, the driver outputs "H" or "L" according to the
corresponding latch output.
Note:
Pin numbers shown are for 32-pin plastic SSOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com