Electronic Components Datasheet Search
  English  ▼

X  

MP07388 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP07388
Description  SAW Filter 161.86250MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP07388 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP07388 Datasheet HTML 1Page - Golledge Electronics Ltd MP07388 Datasheet HTML 2Page - Golledge Electronics Ltd MP07388 Datasheet HTML 3Page - Golledge Electronics Ltd MP07388 Datasheet HTML 4Page - Golledge Electronics Ltd MP07388 Datasheet HTML 5Page - Golledge Electronics Ltd MP07388 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 161.86250MHz
Model: TB1200A
Part No: MP07388
Rev No: 1
TB1200A v1
1
A. MAXIMUM RATING:
Electrostatic Sensitive Device
1. Operating temperature range: -40°C to 85°C
2. Storage temperature range: -40°C to 85°C
3. Input Power Level: 10dBm
4. Maximum DC Voltage: 10V
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency Fc
MHz
-
161.8625
-
Insertion Loss IL
dB
-
4.1
8
-1dB bandwidth
MHz
0.3
1.6
-
-3dB bandwidth
MHz
-
2.3
-
-40dB bandwidth
MHz
-
6.7
7
Passband Ripple (Fc ± 150kHz)
dB
-
0.4
1.0
Group delay variation (Fc ± 150kHz)
ns
-
110
500
Absolute Group delay
ns
-
600
-
Attenuation (Reference IL)
150MHz ~ 153MHz
dB
30
40
322MHz ~ 328.65MHz
dB
35
60
406.1MHz ~ 410MHz
dB
35
60
Fc +100MHz ~ Fc +900MHz
dB
35
60
Temperature Coefficient
ppm/°C
-
-23
-
Source Impedance
Ohm
-
50
-
Load Impedance
Ohm
-
50
-


Similar Part No. - MP07388

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP07387 GOLLEDGE-MP07387 Datasheet
169Kb / 6P
SAW Filter 156.5250MHz
MP07389 GOLLEDGE-MP07389 Datasheet
158Kb / 6P
SAW Filter 165.0MHz
More results

Similar Description - MP07388

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com