Electronic Components Datasheet Search
  English  ▼

X  

MP07282 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP07282
Description  SAW Filter 118.30MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP07282 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP07282 Datasheet HTML 1Page - Golledge Electronics Ltd MP07282 Datasheet HTML 2Page - Golledge Electronics Ltd MP07282 Datasheet HTML 3Page - Golledge Electronics Ltd MP07282 Datasheet HTML 4Page - Golledge Electronics Ltd MP07282 Datasheet HTML 5Page - Golledge Electronics Ltd MP07282 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 118.30MHz
Model: TB1202A
Part No: MP07282
Rev No: 1
TB1202A v1
1
A. MAXIMUM RATINGS:
E
lectrostatic Sensitive Device
1. Operating Temperature: -30°C to 85°C
2. Storage Temperature: -40°C to 85°C
3. Input Power: 10dBm
4. DC Voltage: 5V
5. Implementation of IIP3: 28dBm min.
B. ELECTRICAL CHARACTERISTICS:
Characteristics
Min.
Typ.
Max.
Center frequency Fc MHz
-
118.3
-
Insertion Loss at Fo MHz
-
6.9
8.5
-1dB Bandwidth kHz
-
128
-
-3dB Bandwidth kHz
150
237
-
Passband Ripple (Fo ± 30kHz) dB
-
0.2
1
Group Delay variation (Fo ± 12.5kHz) usec
-
0.2
1
Group Delay variation (Fo ± 75kHz) usec
-
0.5
4
Relative Attenuation dB
Fc ± 200kHz ~ Fc ± 400kHz
Fc ± 400kHz ~ Fc ±600kHz
Fc ± 600kHz ~ Fc ± 1.0MHz
Fc ± 1.0MHz ~ Fc ± 3.0MHz
Fc ± 3.0MHz ~ Fc ± 15.0MHz
Fc ± 15.0MHz ~ Fc ± 80.0MHz
5
10
15
30
37
45
9
36
34
35
41
50
-
-
-
-
-
-
Temperature Coefficient ppm/°C2
-0.036
Source Impedance (Differential) Ω
-
200
-
Load Impedance (Differential) Ω
-
200
-


Similar Part No. - MP07282

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP07281 GOLLEDGE-MP07281 Datasheet
153Kb / 6P
SAW Filter 70.0MHz
MP07283 GOLLEDGE-MP07283 Datasheet
143Kb / 6P
SAW Filter 120.0MHz
MP07285 GOLLEDGE-MP07285 Datasheet
191Kb / 6P
SAW Filter 156.250MHz
MP07286 GOLLEDGE-MP07286 Datasheet
179Kb / 5P
SAW Filter 742.50MHz
More results

Similar Description - MP07282

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com