Electronic Components Datasheet Search
  English  ▼

X  

MP07281 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP07281
Description  SAW Filter 70.0MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP07281 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP07281 Datasheet HTML 1Page - Golledge Electronics Ltd MP07281 Datasheet HTML 2Page - Golledge Electronics Ltd MP07281 Datasheet HTML 3Page - Golledge Electronics Ltd MP07281 Datasheet HTML 4Page - Golledge Electronics Ltd MP07281 Datasheet HTML 5Page - Golledge Electronics Ltd MP07281 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 70.0MHz
Model: TB1190A
Part No: MP07281
Rev No: 1
TB1190A v1
1
A. MAXIMUM RATING:
Electrostatic Sensitive Device
1. Operating temperature range: -10°C to 40°C
2. Storage temperature range: -40°C to 85°C
3. Input Power Level: 10dBm
4. Maximum DC Voltage: 10V
B. ELECTRICAL CHARACTERISTICS:
Ambient Temperature: 25°C
Item
Unit
Min.
Typ.
Max.
Center frequency Fc
MHz
-
70
-
Insertion Loss IL
dB
-
11.2
14
-1dB bandwidth
MHz
14.2
14.38
-
-3dB bandwidth
MHz
-
14.87
-
-5dB bandwidth
MHz
-
15.17
15.3
-40dB bandwidth
MHz
-
16.90
-
Passband Ripple Fc ± 6.92MHz
dB
-
0.7
1.5
Group Delay variation Fc ± 6.92MHz
ns
100
100
Absolute Group Delay
us
-
1.58
-
Attenuation: (Reference level from Min IL)
Ultimate Attenuation
dB
40
45
-
Temperature Coefficient
ppm/°C
-
-94
-
Source Impedance
Ohm
-
50
-
Load Impedance
Ohm
-
50
-


Similar Part No. - MP07281

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP07282 GOLLEDGE-MP07282 Datasheet
187Kb / 6P
SAW Filter 118.30MHz
MP07283 GOLLEDGE-MP07283 Datasheet
143Kb / 6P
SAW Filter 120.0MHz
MP07285 GOLLEDGE-MP07285 Datasheet
191Kb / 6P
SAW Filter 156.250MHz
MP07286 GOLLEDGE-MP07286 Datasheet
179Kb / 5P
SAW Filter 742.50MHz
More results

Similar Description - MP07281

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA05435 GOLLEDGE-MA05435 Datasheet
102Kb / 3P
70.0MHz SAW Filter
MA05987 GOLLEDGE-MA05987 Datasheet
116Kb / 3P
70.0MHz SAW Filter
MA06843 GOLLEDGE-MA06843 Datasheet
138Kb / 3P
SAW Filter: 70.0MHz
MA06965 GOLLEDGE-MA06965 Datasheet
106Kb / 3P
SAW Filter 70.0MHz
MA07421 GOLLEDGE-MA07421 Datasheet
95Kb / 3P
SAW Filter 70.0MHz
MA06738 GOLLEDGE-MA06738 Datasheet
108Kb / 3P
SAW Filter 70.0MHz
MP05682 GOLLEDGE-MP05682 Datasheet
169Kb / 5P
SAW Filter 70.0MHz
MP04766 GOLLEDGE-MP04766 Datasheet
104Kb / 5P
SAW Filter 70.0MHz
MP05012 GOLLEDGE-MP05012 Datasheet
240Kb / 5P
SAW Filter 70.0MHz
MP05276 GOLLEDGE-MP05276 Datasheet
85Kb / 5P
SAW Filter: 70.0MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com