Electronic Components Datasheet Search
  English  ▼

X  

MA08686 Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part # MA08686
Description  SAW Filter 1960MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA08686 Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  MA08686 Datasheet HTML 1Page - Golledge Electronics Ltd MA08686 Datasheet HTML 2Page - Golledge Electronics Ltd MA08686 Datasheet HTML 3Page - Golledge Electronics Ltd MA08686 Datasheet HTML 4Page - Golledge Electronics Ltd MA08686 Datasheet HTML 5Page - Golledge Electronics Ltd MA08686 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 1960MHz
Model: TA0175H
Part No: MA08686
Rev No: 2
TA0175H v2
2
A2. MAXIMUM RATING:
1. Input Power Level: 10dBm
2. DC voltage: 3V
3. Operating Temperature: -30°C to +80°C
4. Storage Temperature: -40°C to +85°C
B2. ELECTRICAL CHARACTERISTICS:
Item
Min.
Typ.
Max.
Center frequency Fc (MHz)
-
1960
-
Insertion loss (1930 ~ 1990MHz) IL (dB)
-
2.35
4
Amplitude ripple (1930 ~ 1990MHz) (dB)
-
1.4
2.4
Attenuation (Reference level from 0dB)
DC ~ 1850MHz (dB)
20
32
-
1850 ~ 1910MHz (dB)
10
21
-
2010 ~ 2040MHz (dB)
4.5
10
-
2040 ~ 2070MHz (dB)
20
50
-
2070 ~ 5000MHz (dB)
22
29
-
Input/Output VSWR (1930 ~ 1990MHz)
-
1.7
2.2
Source impedance ZS (
Ω)
-
50
-
Load impedance ZL (
Ω)
-
50
-



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com