Electronic Components Datasheet Search
  English  ▼

X  

MA05679 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA05679
Description  SAW Filter 1960MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA05679 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA05679 Datasheet HTML 1Page - Golledge Electronics Ltd MA05679 Datasheet HTML 2Page - Golledge Electronics Ltd MA05679 Datasheet HTML 3Page - Golledge Electronics Ltd MA05679 Datasheet HTML 4Page - Golledge Electronics Ltd MA05679 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 1960MHz
Model: TA0175A
Part No: MA05679
Rev No: 2
TA0175A v2
1
A. MAXIMUM RATING:
1. Input Power Level: 10dBm
2. DC voltage: 0V
3. Operating Temperature: -30°C to +80°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Min.
Typ.
Max.
Center frequency Fc (dB)
-
1960
-
Insertion loss within 1930 ~ 1990MHz IL (dB)
-
2.35
4
Amplitude ripple (p-p) within 1930 ~ 1990MHz (dB)
-
1.4
2.4
Attenuation (Reference level from 0dB)
DC ~ 1850MHz (dB)
20.0
32.0
-
1850 ~ 1910MHz (dB)
10.0
21.0
-
2010 ~ 2040MHz (dB)
4.5
10.0
-
2040 ~ 2070MHz (dB)
20.0
50.0
-
2070 ~ 5000MHz (dB)
22.0
29.0
-
VSWR within 1930 ~ 1990MHz
-
1.7
2.4
Source impedance ZS (
Ω)
-
50
-
Load impedance ZL (
Ω)
-
50
-
Note. No matching network required for operation at 50
Ω


Similar Part No. - MA05679

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA05675 GOLLEDGE-MA05675 Datasheet
144Kb / 6P
SAW Filter: 836.50MHz
MA05677 GOLLEDGE-MA05677 Datasheet
201Kb / 5P
SAW Filter 881.5MHz
MA05678 GOLLEDGE-MA05678 Datasheet
385Kb / 5P
SAW Filter 1880MHz
More results

Similar Description - MA05679

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS1960S4 ABRACON-AFS1960S4 Datasheet
154Kb / 1P
SMD 1960MHz SAW FILTER
logo
TAI-SAW TECHNOLOGY CO.,...
TA0175A TAI-SAW-TA0175A Datasheet
430Kb / 6P
SAW Filter 1960MHz SMD 3.0 mm SQ
TA0207A TAI-SAW-TA0207A Datasheet
537Kb / 6P
SAW Filter 1960MHz SMD 2.5X2.0 mm
TA1817B TAI-SAW-TA1817B Datasheet
449Kb / 8P
SAW Rx Filter 1960MHz LTE Band 2 SMD 1411 (58.8MHz BW)
TA1870A TAI-SAW-TA1870A Datasheet
609Kb / 10P
SAW Filter 1960MHz 60MHz BW Band 2 Rx SMD 1.1x0.9 mm
logo
Golledge Electronics Lt...
MA08686 GOLLEDGE-MA08686 Datasheet
247Kb / 6P
SAW Filter 1960MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1950D TAI-SAW-TA1950D Datasheet
967Kb / 8P
SAW Rx Filter 1960MHz LTE Band 2 SMD 1109 (60MHz BW)
logo
Golledge Electronics Lt...
MA05927 GOLLEDGE-MA05927 Datasheet
339Kb / 5P
SAW Filter 1960MHz
MP03082 GOLLEDGE-MP03082 Datasheet
207Kb / 6P
SAW Filter 1960MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1870AM TAI-SAW-TA1870AM Datasheet
542Kb / 9P
SAW Filter 1960MHz 60MHz BW Band 2 Rx SMD 1.1횞0.9 mm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com