Electronic Components Datasheet Search
  English  ▼

X  

MSK601B Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK601B
Description  WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK601B Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK601B Datasheet HTML 1Page - M.S. Kennedy Corporation MSK601B Datasheet HTML 2Page - M.S. Kennedy Corporation MSK601B Datasheet HTML 3Page - M.S. Kennedy Corporation MSK601B Datasheet HTML 4Page - M.S. Kennedy Corporation MSK601B Datasheet HTML 5Page - M.S. Kennedy Corporation MSK601B Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
FEATURES:
Ultra Low Quiescent Current - ±15mA for High Voltage
220V Peak to Peak Output Voltage Swing
Slew Rate - 3000V/µS Typical
Gain Bandwidth Product - 200 MHz Typical
Full Power Output Frequency - 1 MHz Typical
Output Current - 100mA Peak
Adjustable VHV Power Supplies Minimizes Power Dissipation
Compact Package Offers Superior Power Dissipation
WIDE BANDWIDTH
HIGH VOLTAGE AMPLIFIER
601
+VHV
+VSC
OUTPUT
CASE/GROUND
-VSC
-VHV
1
2
3
4
5
6
12
11
10
9
8
7
COMP
+VCC
GROUND
-VCC
-INPUT
NO CONNECTION
Wideband Very High Voltage Amplifier
High Resolution CRT Monitor
Ultra High Performance Video Processing
CRT Beam Intensity Control
Varactor Tuned VCO Driver
Automatic Test Equipment
PIN-OUT INFORMATION
TYPICAL APPLICATIONS
The MSK 601(B) is a high voltage wideband amplifier designed to provide very large voltage swings at high slew
rates in wideband systems. The true inverting op-amp topology employed in the MSK 601 provides excellent D.C.
specifications such as input offset voltage and input bias current. These attributes are important in amplifiers that will
be used in high gain configurations since the input error voltages will be multiplied by the system gain. The MSK 601
achieves impressive slew rate specifications by employing a feed forward A.C. path through the amplifier; however,
the device is internally configured in inverting mode to utilize this benefit. Internal compensation for gains of -5V/V or
greater keeps the MSK 601 stable in this range. The MSK 601 is packaged in a space efficient, hermetically sealed,
12 pin power dual in line package that has a high thermal conductivity for efficient device cooling.
DESCRIPTION:
EQUIVALENT SCHEMATIC
MIL-PRF-38534 QUALIFIED
ISO 9001 CERTIFIED BY DSCC
Rev. A 8/00
1


Similar Part No. - MSK601B

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK601 MSK-MSK601_15 Datasheet
106Kb / 4P
Ultra Low Quiescent Current - 짹15mA for High Voltage
More results

Similar Description - MSK601B

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK640 MSK-MSK640 Datasheet
359Kb / 6P
WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK610 MSK-MSK610 Datasheet
196Kb / 6P
VERY WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
MSK604 MSK-MSK604 Datasheet
148Kb / 6P
NEGATIVE OUTPUT WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
MSK641 MSK-MSK641 Datasheet
290Kb / 6P
WIDE BANDWIDTH, VERY HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK642 MSK-MSK642 Datasheet
280Kb / 6P
WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK643 MSK-MSK643 Datasheet
284Kb / 6P
WIDE BANDWIDTH, VERY HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK600 MSK-MSK600 Datasheet
188Kb / 6P
WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
logo
Analog Devices
OP-64 AD-OP-64_15 Datasheet
1Mb / 8P
HIGH SPEED WIDE BANDWIDTH OPERATIONAL AMPLIFIER
REV. 0
logo
Anaren Microwave
MSK610 ANAREN-MSK610 Datasheet
199Kb / 4P
VERY WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
MSK600 ANAREN-MSK600 Datasheet
200Kb / 4P
WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com