Electronic Components Datasheet Search
  English  ▼

X  

IXTV280N055T Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTV280N055T
Description  N-Channel Enhancement Mode Avalanche Rated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTV280N055T Datasheet(HTML) 2 Page - IXYS Corporation

  IXTV280N055T Datasheet HTML 1Page - IXYS Corporation IXTV280N055T Datasheet HTML 2Page - IXYS Corporation IXTV280N055T Datasheet HTML 3Page - IXYS Corporation IXTV280N055T Datasheet HTML 4Page - IXYS Corporation IXTV280N055T Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTV280N055T
IXTV280N055TS
PLUS220SMD (IXTV_S) Outline
PLUS220 (IXTV) Outline
Terminals:
1 - Gate
2 - Drain
3 - Source
Tab - Drain
Symbol
Test Conditions
Characteristic Values
(T
J = 25° C unless otherwise specified)
Min.
Typ.
Max.
g
fs
V
DS= 10 V; ID = 60 A, Note 1
75
118
S
C
iss
9800
pF
C
oss
V
GS = 0 V, VDS = 25 V, f = 1 MHz
1450
pF
C
rss
320
pF
t
d(on)
32
ns
t
r
V
GS = 10 V, VDS = 0.5 VDSS, ID = 50 A
55
ns
t
d(off)
R
G = 3.3 Ω (External)
49
ns
t
f
37
ns
Q
g(on)
200
nC
Q
gs
V
GS= 10 V, VDS = 0.5 VDSS, ID = 25 A
50
nC
Q
gd
50
nC
R
thJC
0.27
°C/W
R
thCS
PLUS220
.25
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic
Values
(T
J = 25° C unless otherwise specified)
Min.
Typ.
Max.
I
S
V
GS = 0 V
280
A
I
SM
Pulse width limited by T
JM
600
A
V
SD
I
F = 50 A, VGS = 0 V, Note 1
1.0
V
t
rr
I
F = 50 A, -di/dt = 100 A/µs70
ns
V
R = 25 V, VGS = 0 V
Note 1. Pulse test, t ≤300 µs, duty cycle d ≤ 2 %;
2. On through-hole packages, R
DS(on) Kelvin test contact
location is 5 mm or less from the package body.
PRELIMINARYTECHNICALINFORMATION
The product presented herein is under development. The Technical Specifications
offered are derived from data gathered during objective characterizations of preliminary
engineering lots; but also may yet contain some information supplied during a pre-
production design evaluation. IXYS reserves the right to change limits, test conditions,
and dimensions without notice.
IXYS MOSFETs and IGBTs are covered by
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065B1
6,683,344
6,727,585
7,005,734B2
one or moreof the following U.S. patents:
4,850,072
5,017,508
5,063,307
5,381,025
6,259,123B1
6,534,343
6,710,405B2
6,759,692
7,063,975B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6771478B2
7,071,537



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com