Electronic Components Datasheet Search
  English  ▼

X  

IXTV280N055TS Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXTV280N055TS
Description  N-Channel Enhancement Mode Avalanche Rated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTV280N055TS Datasheet(HTML) 5 Page - IXYS Corporation

  IXTV280N055TS Datasheet HTML 1Page - IXYS Corporation IXTV280N055TS Datasheet HTML 2Page - IXYS Corporation IXTV280N055TS Datasheet HTML 3Page - IXYS Corporation IXTV280N055TS Datasheet HTML 4Page - IXYS Corporation IXTV280N055TS Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2006 IXYS CORPORATION All rights reserved
IXTV280N055T
IXTV280N055TS
Fig. 14. Resistive Turn-on
Rise Time vs. Drain Current
20
25
30
35
40
45
50
55
60
24
26
28
30
32
34
36
38
40
42
44
46
48
50
ID - Amperes
RG = 3.3Ω
VGS = 10V
VDS = 27.5V
TJ = 125ºC
TJ = 25ºC
Fig. 15. Resistive Turn-on
Switching Times vs. Gate Resistance
0
20
40
60
80
100
120
140
160
180
200
2
4
6
8
10
12
14
16
18
20
RG - Ohms
30
35
40
45
50
55
60
65
70
75
80
t r
td(on)
- - - -
TJ = 125ºC, VGS = 10V
VDS = 27.5V
I D = 50A
I D = 25A
Fig. 16. Resistive Turn-off
Switching Times vs. Junction Temperature
35
37
39
41
43
45
47
49
51
53
55
57
25
35
45
55
65
75
85
95
105 115 125
TJ - Degrees Centigrade
40
45
50
55
60
65
70
75
80
85
90
95
t f
td(off)
- - - -
RG = 3.3Ω, VGS = 10V
VDS = 27.5V
I D = 25A
I D = 50A
Fig. 17. Resistive Turn-off
Switching Times vs. Drain Current
30
33
36
39
42
45
48
51
54
57
24 26 28 30 32 34 36 38 40 42 44 46 48 50
ID - Amperes
45
50
55
60
65
70
75
80
85
90
t f
td(off)
- - - -
RG = 3.3Ω, VGS = 10V
VDS = 27.5V
TJ = 125ºC
TJ = 25ºC
Fig. 13. Resistive Turn-on
Rise Time vs. Junction Temperature
15
20
25
30
35
40
45
50
55
60
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
RG = 3.3Ω
VGS = 10V
VDS = 27.5V
I D = 50A
I D = 25A
Fig. 18. Resistive Turn-off
Switching Times vs. Gate Resistance
40
60
80
100
120
140
160
180
200
220
240
2
4
6
8
10
12
14
16
18
20
RG - Ohms
70
100
130
160
190
220
250
280
310
340
370
t f
td(off)
- - - -
TJ = 125ºC, VGS = 10V
VDS = 27.5V
I D = 50A
I D = 25A
IXYS REF: T_280N055T (6V) 8-15-06.xls



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com