Electronic Components Datasheet Search
  English  ▼

X  

IXUN280N10 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXUN280N10
Description  Trench Power MOSFET Very low RDS(on)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXUN280N10 Datasheet(HTML) 2 Page - IXYS Corporation

  IXUN280N10 Datasheet HTML 1Page - IXYS Corporation IXUN280N10 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 - 2
© 2004 IXYS All rights reserved
IXYS reserves the right to change limits, test conditions, and dimensions.
Advanced Technical Information
IXUN 280N10
miniBLOC, SOT-227 B
Source-Drain Diode
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Conditions
min.
typ.
max.
I
S
V
GS
= 0 V
380
A
I
SM
Repetitive, pulse width limited by T
JM
570
A
V
SD
I
F = 280 A, VGS = 0 V,
1.70
V
Pulse test, t < 300 µs, duty cycle d < 2 %
t
rr
I
F = 300 A, VR = 30 V
80
ns
I
RM
-di/dt = 400 A/µs
35
A
Symbol
Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
V
DS
= 10 V, I
D = 100 A, pulse test
220
S
C
iss
18
nF
C
oss
V
GS
= 0 V, V
DS = 25 V, f = 1 MHz
2.2
nF
C
rss
1.2
nF
t
d(on)
35
ns
t
r
V
GS
= 10 V, V
DS = 30 V, ID = 100 A
85
ns
t
d(off)
R
G = 2.5
Ω (external)
150
ns
t
f
70
ns
Q
g(on)
440
nC
Q
gs
V
GS
= 10 V, V
DS = 80 V, ID = 100 A
75
nC
Q
gd
180
nC
R
thJC
0.19
K/W
R
thCH
with heat transfer paste
0.05
K/W
M4 screws (4x) supplied
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
31.50
31.88
1.240
1.255
B
7.80
8.20
.307
.323
C
4.09
4.29
.161
.169
D
4.09
4.29
.161
.169
E
4.09
4.29
.161
.169
F
14.91
15.11
.587
.595
G
30.12
30.30
1.186
1.193
H
37.80
38.23
1.489
1.505
J
11.68
12.22
.460
.481
K
8.92
9.60
.351
.378
L
0.76
0.84
.030
.033
M
12.60
12.85
.496
.506
N
25.15
25.42
.990
1.001
0
1.98
2.13
0.78
.084
P
4.95
5.97
.195
.235
Q
26.54
26.90
1.045
1.059
R
3.94
4.42
.155
.174
S
4.72
4.85
.186
.191
T
24.59
25.07
.968
.987
U
-0.05
0.10
-.002
.004
V
3.30
4.57
.130
.180
W
19.81
21.08
.780
.830



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com