Electronic Components Datasheet Search
  English  ▼

X  

TA1908A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1908A
Description  SAW Filter 503 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1908A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1908A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1908A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1908A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1908A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1908A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1908A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 503 MHz
MODEL NO.: TA1908A
REV. NO.:1
A. MAXIMUM RATING:
1.Input Power Level: 5 dBm
2.DC voltage: 5 V
3.Operating Temperature: -20
C to +70C
4.Storage Temperature: -40
C to +85C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency
Fc
MHz
-
503
-
Insertion Loss
(500~506 MHz)
IL
dB
-
2.9
4.7
Amplitude Ripple
(500~506 MHz)
dB
-
0.4
2.0
Attenuation (Reference level from 0 dB)
400 ~ 434
MHz
dB
39
56
-
434 ~ 465
MHz
dB
33
44
-
553 ~ 567
MHz
dB
33
59
-
567 ~ 600
MHz
dB
40
61
-
C. MEASUREMENT CIRCUIT:
4.7pF
4.7pF

HP Network analyzer

SAW Filter
17nH
17nH
3
7
1,2,4,5,6,8
RoHS Compliant
Lead free
Lead-free soldering



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com