Electronic Components Datasheet Search
  English  ▼

X  

PI74ALVCH16260 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI74ALVCH16260
Description  12-Bit To 24-Bit Multiplexed D-Type Latch with 3-State Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74ALVCH16260 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI74ALVCH16260 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74ALVCH16260 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74ALVCH16260 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74ALVCH16260 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74ALVCH16260 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
PS8089C
04/17/01
PI74ALVCH16260
12-Bit To 24-Bit Multiplexed D-Type Latch
with3-StateOutputs
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PinName
Description
OE
Output Enable Input (Active LOW)
SEL
Select
LE
Latch Enable
A,1B,2B
Data Inputs
A,1B,2B
3-State Outputs
GND
Ground
VCC
Power
ProductPinDescription
Note:
1. H = High Signal Level
L = Low Signal Level
X = Irrelevant
Z = High Impedance
ProductPinConfiguration
s
t
u
p
n
Is
t
u
p
t
u
O
AB
1
A
E
LB
2
A
E
LB
1
E
OB
2
E
OB
1B
2
HHH
L
L
H
H
LH
H
L
L
L
L
HH
L
L
L
H
0
B
2
LHL
L
L
L
0
B
2
HLH
L
L
0
B
1H
LL
H
L
L
0
B
1L
XL
L
L
L
0
B
10
B
2
XXX
H
H
Z
Z
XXX
L
H
e
v
it
c
AZ
XXX
H
L
Z
e
v
it
c
A
XXX
L
L
e
v
it
c
Ae
v
it
c
A
TruthTables(1)
BtoA(OEB=H)
AtoB(OEA=H)
s
t
u
p
n
I
t
u
p
t
u
O
A
B
1B
2L
E
SB
1
E
LB
2
E
LA
E
O
HX
H
H
X
L
H
LX
H
H
XL
L
XX
H
L
X
L
0
A
XH
L
X
H
L
H
XL
L
X
H
L
L
XX
L
X
L
L
0
A
XX
X
X
X
H
Z
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
25
26
27
28
32
31
30
29
OEA
LE1B
2B3
GND
2B2
2B1
VCC
A1
A2
A3
GND
A4
A5
A6
A7
A8
A9
GND
A10
A11
A12
VCC
1B1
1B2
GND
1B3
LE2B
SEL
OE2B
LEA2B
2B4
GND
2B5
2B6
VCC
2B7
2B8
2B9
GND
2B10
2B11
2B12
1B12
1B11
1B10
GND
1B9
1B8
1B7
VCC
1B6
1B5
GND
1B4
LEA1B
OE1B
56-Pin
A,V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com