Electronic Components Datasheet Search
  English  ▼

X  

STP08C596MTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP08C596MTR
Description  8-BIT CONSTANT CURRENT LED SINK DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP08C596MTR Datasheet(HTML) 1 Page - STMicroelectronics

  STP08C596MTR Datasheet HTML 1Page - STMicroelectronics STP08C596MTR Datasheet HTML 2Page - STMicroelectronics STP08C596MTR Datasheet HTML 3Page - STMicroelectronics STP08C596MTR Datasheet HTML 4Page - STMicroelectronics STP08C596MTR Datasheet HTML 5Page - STMicroelectronics STP08C596MTR Datasheet HTML 6Page - STMicroelectronics STP08C596MTR Datasheet HTML 7Page - STMicroelectronics STP08C596MTR Datasheet HTML 8Page - STMicroelectronics STP08C596MTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
May 2005
I
8 CONSTANT CURRENT OUTPUT
CHANNELS
I
ADJUSTABLE OUTPUT CURRENT
THROUGH EXTERNAL RESISTOR
I
SERIAL DATA IN/PARALLEL DATA OUT
I
SERIAL OUT CHANGE STATE ON THE
FALLING EDGES OF CLOCK
I
OUTPUT CURRENT: 15-120 mA
I
25 MHz CLOCK FREQ.
I
EFFICIENCY PACKAGE
DESCRIPTION
The STP08C596 is a monolithic, medium-voltage,
low current power 8-bit shift register designed for
LED panel display. The STP08C596 contains a
8-bit serial-in, parallel-out shift register that feeds
a 8-bitD-type storage register. In the output stage,
eight regulated current sources were designed to
provide 15-120mA constant current to drive the
LEDs.
Compared with the STPIC6C595, the device
provides
great
flexibility
and
improved
performance in LED panel system design.
Trough an external resistor, users may adjust the
STP08C596 output current, controlling in this way
the light intensity of LEDs.
The STP08C596 guarantees 16V output driving
capability, allowing users to connect more LEDs in
series. The high clock frequency, 25 MHz, also
satisfies the system requirement of high volume
data transmission.
Table 1: Order Codes
Part Number
Temp. Range
Package
Comments
STP08C596B1
-40°C to 125°C
DIP-16
25 part per tube
STP08C596M
-40°C to 125°C
SO-16 (Tube)
50 parts per tube
STP08C596MTR
-40°C to 125°C
SO-16 (Tape & Reel)
1000 parts per reel
STP08C596TTR
-40°C to 125°C
TSSOP16 (Tape & Reel)
2500 parts per reel
STP08C596
8-BIT CONSTANT CURRENT LED SINK DRIVER
SO-16
DIP-16
TSSOP16
Rev. 9


Similar Part No. - STP08C596MTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP08CDC596 STMICROELECTRONICS-STP08CDC596 Datasheet
435Kb / 20P
8-BIT CONSTANT CURRENT LED SINK DRIVER WITH FULL OUTPUT DETECTION
11-Oct-2005
STP08CDC596B1 STMICROELECTRONICS-STP08CDC596B1 Datasheet
435Kb / 20P
8-BIT CONSTANT CURRENT LED SINK DRIVER WITH FULL OUTPUT DETECTION
11-Oct-2005
STP08CDC596M STMICROELECTRONICS-STP08CDC596M Datasheet
435Kb / 20P
8-BIT CONSTANT CURRENT LED SINK DRIVER WITH FULL OUTPUT DETECTION
11-Oct-2005
STP08CDC596MTR STMICROELECTRONICS-STP08CDC596MTR Datasheet
435Kb / 20P
8-BIT CONSTANT CURRENT LED SINK DRIVER WITH FULL OUTPUT DETECTION
11-Oct-2005
STP08CDC596TTR STMICROELECTRONICS-STP08CDC596TTR Datasheet
435Kb / 20P
8-BIT CONSTANT CURRENT LED SINK DRIVER WITH FULL OUTPUT DETECTION
11-Oct-2005
More results

Similar Description - STP08C596MTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
16-BIT CONSTANT CURRENT LED SINK DRIVER
03-Aug-2004
logo
List of Unclassifed Man...
MBI5001 ETC-MBI5001 Datasheet
244Kb / 9P
8 BIT CONSTANT CURRENT LED DRIVER
logo
STMicroelectronics
STP08CL596 STMICROELECTRONICS-STP08CL596 Datasheet
554Kb / 16P
LOW VOLTAGE 8-BIT CONSTANT CURRENT LED SINK DRIVER
23-Feb-2005
logo
List of Unclassifed Man...
MBI5168 ETC1-MBI5168 Datasheet
269Kb / 15P
8-bit Constant Current LED Sink Driver
MBI5026CF ETC1-MBI5026CF Datasheet
378Kb / 17P
16-bit Constant Current LED Sink Driver
logo
SamHop Microelectronics...
SM16705 SAMHOP-SM16705 Datasheet
197Kb / 15P
8-BIT CONSTANT CURRENT LED DRIVER
logo
Silan Microelectronics ...
SD16730 SILAN-SD16730 Datasheet
708Kb / 12P
8-Bit Constant Current LED Driver
logo
Silicon Touch Technolog...
DM11A SITI-DM11A Datasheet
422Kb / 20P
8-bit Constant Current LED Driver
logo
Holtek Semiconductor In...
HT16D595 HOLTEK-HT16D595 Datasheet
2Mb / 11P
8-Bit Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com