Electronic Components Datasheet Search
  English  ▼

X  

LTS-2301AB Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTS-2301AB
Description  0.28- inch (7.0- mm) DIGIT HEIGHT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTS-2301AB Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTS-2301AB Datasheet HTML 1Page - Lite-On Technology Corporation LTS-2301AB Datasheet HTML 2Page - Lite-On Technology Corporation LTS-2301AB Datasheet HTML 3Page - Lite-On Technology Corporation LTS-2301AB Datasheet HTML 4Page - Lite-On Technology Corporation LTS-2301AB Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-on Only
PART NO.: LTS-2301AB
PAGE:
1 of 5
BNS-OD-C131/A4
FEATURES
0.28-inch (7.0-mm) DIGIT HEIGHT.
CONTINUOUS UNIFORM SEGMENTS.
LOW POWER REQUIREMENT.
EXCELLENT CHARACTERS APPEARANCE.
HIGH BRIGHTNESS & HIGH CONTRAST.
WIDE VIEWING ANGLE.
SOLID STATE RELIABILITY.
CATEGORIZED FOR LUMINOUS INTENSITY.
DESCRIPTION
The LTS-2301AB is a 0.28-inch (7.0-mm) digit height single
digit seven-segment display. This device utilizes blue LED chips,
which are made from GaN on a SiC substrate, and has a gray face
and white segments.
DEVICE
PART NO.
DESCRIPTION
BLUE
LTS-2301AB
Common
Cathode
Rt. Hand Decimal


Similar Part No. - LTS-2301AB

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTS-2301AC-15 LITEON-LTS-2301AC-15 Datasheet
341Kb / 7P
LED Display
LTS-2301ACB LITEON-LTS-2301ACB Datasheet
336Kb / 7P
LED Display
LTS-2301AE-09 LITEON-LTS-2301AE-09 Datasheet
349Kb / 6P
LED Display
LTS-2301AHG-05 LITEON-LTS-2301AHG-05 Datasheet
346Kb / 6P
LED Display
LTS-2301AJD LITEON-LTS-2301AJD Datasheet
364Kb / 6P
LED Display
More results

Similar Description - LTS-2301AB

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTC-2623G LITEON-LTC-2623G Datasheet
156Kb / 5P
0.28 imch (7.0 mm) DIGIT HEIGHT
LTC-2721P LITEON-LTC-2721P Datasheet
144Kb / 5P
0.28 inch (7.0mm) DIGIT HEIGHT
LTC-2721Y LITEON-LTC-2721Y Datasheet
145Kb / 5P
0.28 inch (7.0mm) DIGIT HEIGHT
LTD-2601B LITEON-LTD-2601B Datasheet
177Kb / 5P
0.28-inch (7.0-mm) DIGIT HEIGHT
LTD-2601G-11 LITEON-LTD-2601G-11 Datasheet
208Kb / 5P
0.28-inch (7.0-mm) DIGIT HEIGHT
LTD-2701B LITEON-LTD-2701B Datasheet
177Kb / 5P
0.28-inch (7.0-mm) DIGIT HEIGHT
LTD-2701JD LITEON-LTD-2701JD Datasheet
104Kb / 5P
0.28 inch (7mm) DIGIT HEIGHT
LTS-2801AB LITEON-LTS-2801AB Datasheet
174Kb / 5P
0.28- inch (7.0- mm) DIGIT HEIGHT
logo
Broadcom Corporation.
HDSM-281B BOARDCOM-HDSM-281B Datasheet
446Kb / 10P
0.28-in. (7.0-mm) Single-Digit Surface-Mount LED Display
HDSM-291B BOARDCOM-HDSM-291B Datasheet
476Kb / 10P
0.28-in. (7.0-mm) Dual-Digit Surface-Mount LED Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com