Electronic Components Datasheet Search
  English  ▼

X  

PT4682 Datasheet(PDF) 2 Page - Texas Instruments

Part # PT4682
Description  20-A 24-V Input Dual Output Isolated DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4682 Datasheet(HTML) 2 Page - Texas Instruments

  PT4682 Datasheet HTML 1Page - Texas Instruments PT4682 Datasheet HTML 2Page - Texas Instruments PT4682 Datasheet HTML 3Page - Texas Instruments PT4682 Datasheet HTML 4Page - Texas Instruments PT4682 Datasheet HTML 5Page - Texas Instruments PT4682 Datasheet HTML 6Page - Texas Instruments PT4682 Datasheet HTML 7Page - Texas Instruments PT4682 Datasheet HTML 8Page - Texas Instruments PT4682 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Pin Descriptions
+Vin:
The positive input supply for the module with
respect to –Vin. If powering the module from a -24V
telecom central office supply, this input is connected
to the primary system ground.
–Vin:
The negative input supply for the module, and
the 0VDC reference for the EN 1, EN 2, TEMP, and
AUX signals. When the module is powered from a
+24V supply, this input is connected to the 24V Return.
EN 1:
The negative logic input that enables the
module output. This pin is TTL compatible and
referenced to –Vin. A logic ‘0’ at this pin enables the
module’s outputs. A logic ‘1’ or high impedance
disables the module’s outputs. If not used, the pin
must be connected to –Vin.
EN 2:
The positive logic input that enables the
module output. This pin is TTL compatible and
referenced to –Vin. A logic ‘1’ or high impedance
enables the module’s outputs. If not used, the pin
should be left open circuit.
TEMP:
This pin produces an output signal that tracks
the module’s metal case temperature. The output
voltage is referenced to –Vin and rises approximately
10mV/°C from an intital value of 0.1VDC at -40°C
(VTemp =0.5 + 0.01·TCase). The signal is available
whenever the module is supplied with a valid input
voltage, and is independant of the enable logic status.
(Note: A load impedance of less than 1M
Ω will adversly
affect the module’s over-temperature shutdown threshold.
Use a high-impedance input when monitoring this
signal.)
AUX:
Produces a regulated output voltage of 11.6V
±5%, which is referenced to –Vin. The current drawn
from the pin must be limited to 10mA. The voltage
may be used to indicate the output status of the
module to a primary referenced circuit, or power a
low-current amplifer.
Vo1:
The higher regulated output voltage, which is
referenced to the COM node.
Vo2:
The lower regulated output voltage, which is
referenced to the COM node.
COM:
The secondary return reference for the module’s
two regulated output voltages. It is DC isolated from
the input supply pins.
Vo1 Adjust:
Using a single resistor, this pin allows Vo1
to be adjusted higher or lower than the preset value.
If not used, this pin should be left open circuit.
Vo2 Adjust:
Using a single resistor, this pin allows Vo2
to be adjusted higher or lower than the preset value.
If not used, this pin should be left open circuit.
On/Off Logic
Pin 3
Pin 4
Output Status
1
×
Off
01
On
×
0
Off
Pin-Out Information
Pin
Function
1+Vin
2-Vin
3
EN 1
4
EN 2
5
TEMP
6
AUX
7
Do Not Connect
8
Do Not Connect
9+Vo1
Pin
Function
10
+Vo1
11
+Vo1
12
+Vo1
13
Vo1 Adjust
14
COM
15
COM
16
COM
17
COM
18
COM
Notes:
Logic 1 =Open collector
Logic 0 = –Vin (pin 2) potential
For positive Enable function, connect pin 3
to pin 2 and use pin 4.
For negative Enable function, leave pin 4
open and use pin 3.
Note: Shaded functions indicate signals that are
referenced to the input (-Vin) potential.
Pin
Function
19
COM
20
Vo2 Adjust
21
+Vo
2
22
+Vo
2
23
+Vo
2
24
+Vo
2
25
Do Not Connect
26
Do Not Connect
PT4680 Series
20-A 24-V Input Dual Output
Isolated DC/DC Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com