Electronic Components Datasheet Search
  English  ▼

X  

PT4663 Datasheet(PDF) 13 Page - Texas Instruments

Part # PT4663
Description  20-A 24-V Input Dual Output Isolated DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4663 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PT4663 Datasheet HTML 5Page - Texas Instruments PT4663 Datasheet HTML 6Page - Texas Instruments PT4663 Datasheet HTML 7Page - Texas Instruments PT4663 Datasheet HTML 8Page - Texas Instruments PT4663 Datasheet HTML 9Page - Texas Instruments PT4663 Datasheet HTML 10Page - Texas Instruments PT4663 Datasheet HTML 11Page - Texas Instruments PT4663 Datasheet HTML 12Page - Texas Instruments PT4663 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes continued
5.5
5.0k
Ω
5.4
11.2k
Ω
5.3
21.6k
Ω
5.2
42.4k
Ω
5.1
105.0k
Ω
5.0
4.9
(99.8)k
Ω
4.8
(37.4)k
Ω
4.7
(16.6)k
Ω
4.6
(6.2)k
Ω
4.5
(0.0)
R1/R3 = (Blue), R2/R4 = Black
Table 2A; ADJUSTMENT RESISTOR VALUES, Vo1
24V Bus Pt.# PT4681/7
PT4682/3/5
PT4688
PT4686
48V Bus Pt.# PT4661/7
PT4662/3/5
PT4668
PT4666
Adj. Resistor
(R1)/R2
(R1)/R2
(R1)/R2
(R1)/R2
Vo(nom)
5.0V
3.3V
3.3V
2.5V
Va(req’d)
Va(req’d)
Va(req’d)
Table 1; ADJUSTMENT RANGE AND FORMULA PARAMETERS
Vo1 Bus
Vo2 Bus (2)
24V Bus Pt.#
PT4681/7
PT4682/3/5
PT4688
PT4686
PT4681
PT4682
PT4683/6/7
PT4685
PT4688
48V Bus Pt.#
PT4661/7
PT4662/3/5
PT4668
PT4666
PT4661
PT4662
PT4663/6/7
PT4665
PT4668
Adj. Resistor
(R1)/R2
(R1)/R2
(R1)/R2
(R1)/R2
(R3)/R4
(R3)/R4
(R3)/R4
(R3)/R4
(R3)/R4
Vo(nom)
5.0V
3.3V
3.3V
2.5V
3.3V
2.5V
1.8V
1.5V
1.2V
Va(min)
4.5V
2.97V
2.97V
2.25V
2.97V
2.25V
1.62V
1.35
1.08
Va(max)
5.5V
3.63V
3.63V
2.75V
3.63V
2.75V
1.98V
1.65
1.32
Vr
2.5V
1.65V
2.5V
1.25
1.5V
1.5V
1.5V
TBD
0.6V
Ko (V·k
Ω
Ω
Ω
Ω
Ω)
1.248
8.234
10.96
6.24
1.8
2.0
1.9
TBD
0.726
Rs (k
Ω
Ω
Ω
Ω
Ω)
20.0
20.0
4.99
20.0
4.99
3.32
3.32
TBD
4.22
PT4660 & PT4680 Series
3.6
7.4k
Ω
31.5k
Ω
3.54
14.3k
Ω
40.7k
Ω
3.48
25.7k
Ω
55.9k
Ω
3.42
48.6k
Ω
86.3k
Ω
3.36
117.0k
Ω
178.0k
Ω
3.3
3.24
(112.0k
Ω)
(49.1k
Ω)
3.18
(43.6k
Ω)
(19.9k
Ω)
3.12
(20.8k
Ω)
(10.1k
Ω)
3.06
(9.3k
Ω)
(5.2k
Ω)
3.0
(2.5k
Ω)
(2.3k
Ω)
1.95
9.4k
Ω
1.9
15.7k
Ω
1.85
34.7k
Ω
1.8
1.75
(3.0)k
Ω
1.7
1.65
TBD
1.6
TBD
1.55
TBD
1.5
1.45
(TBD)
1.4
(TBD)
1.35
(TBD)
1.3
3.0k
Ω
1.275
5.5k
Ω
1.25
10.3k
Ω
1.225
24.8k
Ω
1.2
1.175
(23.6)k
Ω
1.15
(9.1)k
Ω
1.125
(4.3)k
Ω
1.1
(1.8)k
Ω
Table 2B; ADJUSTMENT RESISTOR VALUES, Vo2
24V Bus Pt.#
PT4681
PT4682
PT4683/6/7
PT4685
PT4688
48V Bus Pt.#
PT4661
PT4662
PT4663/6/7
PT4665
PT4668
Adj. Resistor
(R3)/R4
(R3)/R4
(R3)/R4
(R3)/R4
(R3)/R4
Vo(nom)
3.3V
2.5V
1.8V
1.5V
1.2V
Va(req’d)
Va(req’d)
3.6
1.0k
Ω
3.54
2.5k
Ω
3.48
5.0k
Ω
3.42
10.0k
Ω
3.36
25.0k
Ω
3.3
3.24
(29.8)k
Ω
3.18
(11.8)k
Ω
3.12
(5.8)k
Ω
3.06
(2.8)k
Ω
3.0
(1.0)k
Ω
2.75
4.7k
Ω
2.7
6.7k
Ω
2.65
10.0k
Ω
2.6
16.7k
Ω
2.55
36.7k
Ω
2.5
2.45
(22.0)k
Ω
2.4
(8.7)k
Ω
2.35
(4.2)k
Ω
2.3
(2.0)k
Ω
2.25
(0.7)k
Ω
R1/R3 = (Blue), R2/R4 = Black
2.75
5.0k
Ω
2.7
11.2k
Ω
2.65
21.6k
Ω
2.6
42.4k
Ω
2.55
105.0k
Ω
2.5
2.45
(99.8k
Ω)
2.4
(37.4k
Ω)
2.35
(16.6k
Ω)
2.3
(6.2k
Ω)
2.25
(0.0k
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com