Electronic Components Datasheet Search
  English  ▼

X  

AV4558 Datasheet(PDF) 2 Page - Avic Technology

Part # AV4558
Description  Dual general purpose operational Amplifiers.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVICTEK [Avic Technology]
Direct Link  
Logo AVICTEK - Avic Technology

AV4558 Datasheet(HTML) 2 Page - Avic Technology

  AV4558 Datasheet HTML 1Page - Avic Technology AV4558 Datasheet HTML 2Page - Avic Technology AV4558 Datasheet HTML 3Page - Avic Technology AV4558 Datasheet HTML 4Page - Avic Technology AV4558 Datasheet HTML 5Page - Avic Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
@vic
AV4558
Copyright © Avic Electronics Corp.
2
Website: http://www.avictek.com
ORDERING INFORMATION
PIN
SYMBOL
PIN
SYMBOL
1
OUT1
5
IN2(+)
2
IN1(-)
6
IN2(-)
3
IN1(+)
7
OUT2
4
VDD(GND)
8
VCC
MAXIMUM RATINGS (Tamb=25°C)
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
±18
V
DIP8
500
SIP8
800
Pd
Power Consumption
SOP8
300
mw
VID
Differential Input Voltage
±15
V
VI
Common-Mode Input Voltage
±15
V
Tamb
Operating Free-air Temperature Range
0 to +70
°C
Tstg
Storage Temperature Range
-25 to +125
°C
* Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
V+
Supply Voltage
+15
V
V-
Supply Voltage
-15
V
TA
Operating Temperature, All Pakage Types
0
+70
°C
This device contains protection circuitry to guard against damage due to high static voltages or electric
fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated
voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range
GND
≤(VIN or VOUT)≤VCC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC).
Unused outputs must be left open.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com