Electronic Components Datasheet Search
  English  ▼

X  

MA04499 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA04499
Description  SAW Filter 915MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA04499 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA04499 Datasheet HTML 1Page - Golledge Electronics Ltd MA04499 Datasheet HTML 2Page - Golledge Electronics Ltd MA04499 Datasheet HTML 3Page - Golledge Electronics Ltd MA04499 Datasheet HTML 4Page - Golledge Electronics Ltd MA04499 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 915MHz
Model: TA0281A
Part No: MA04499
Rev No: 5
TA0281A v5
1
A. MAXIMUM RATING:
1. Input Power Level: 15dBm
2. DC voltage: 5V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Centre frequency Fc MHz
MHz
-
915
-
Insertion loss 902 ~ 928MHz IL (dB)
dB
-
2.2
3.5
Amplitude ripple 902 ~ 928MHz (dB)
dB
-
0.6
2.0
VSWR 902 ~ 928MHz
MHz
-
1.6
2.3
Attenuation (Reference level from 0dB)
DC ~ 800MHz (dB)
dB
50
63
-
800 ~ 880MHz (dB)
dB
40
48
-
960 ~ 1080MHz (dB)
dB
32
39
-
1080 ~ 1500MHz (dB)
dB
45
65
-
1500 ~ 3000MHz (dB)
dB
22
28
-
Source impedance ZS ( )
-
50
-
Load impedance ZL ( )
-
50
-
Note: No matching network required for operation at 50
C. MEASUREMENT CIRCUIT:
50Ω
50Ω
SAW Filter
B
E
A ,
C,
D , F


Similar Part No. - MA04499

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA04407 GOLLEDGE-MA04407 Datasheet
108Kb / 4P
SAW Filter 163MHz
MA04452 GOLLEDGE-MA04452 Datasheet
286Kb / 6P
SAW Filter for Mobile Communication 2140MHz
More results

Similar Description - MA04499

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0495A TAI-SAW-TA0495A Datasheet
247Kb / 7P
SAW Filter 915MHz SMD 3.0횞3.0 mm
TA0521A TAI-SAW-TA0521A Datasheet
1Mb / 6P
SAW Filter 915MHz SMD 3.8횞3.8mm
TA1102A TAI-SAW-TA1102A Datasheet
383Kb / 9P
SAW Filter 915MHz
TA1423A TAI-SAW-TA1423A Datasheet
162Kb / 8P
SAW Filter 915MHz
TA1460A TAI-SAW-TA1460A Datasheet
360Kb / 6P
SAW Filter 915MHz
TA0829B TAI-SAW-TA0829B Datasheet
377Kb / 8P
SAW Filter 915MHz
TA1102B TAI-SAW-TA1102B Datasheet
374Kb / 9P
SAW Filter 915MHz
TA1423B TAI-SAW-TA1423B Datasheet
282Kb / 8P
SAW Filter 915MHz
logo
Golledge Electronics Lt...
MP01408 GOLLEDGE-MP01408 Datasheet
300Kb / 5P
SAW Filter 915MHz
MP02291 GOLLEDGE-MP02291 Datasheet
109Kb / 6P
SAW Filter 915MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com