Electronic Components Datasheet Search
  English  ▼

X  

MA05751 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA05751
Description  2122.50MHz SAW Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA05751 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA05751 Datasheet HTML 1Page - Golledge Electronics Ltd MA05751 Datasheet HTML 2Page - Golledge Electronics Ltd MA05751 Datasheet HTML 3Page - Golledge Electronics Ltd MA05751 Datasheet HTML 4Page - Golledge Electronics Ltd MA05751 Datasheet HTML 5Page - Golledge Electronics Ltd MA05751 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset,TA19 9DQ, UK
2122.50MHz SAW Filter
Model: TA0228A
Part No: MA05751
REV NO.: 1a
TA0228A v1a
1
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC voltage: 0 V
3. Operating Temperature: -20
°C to +75°C
4. Storage Temperature: -40
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Specification
Characteristics
Min.
Typ.
Max
Note
Center frequency
FC
MHz
-
2122.5
-
-
Insertion loss
2105~2140 MHz
dB
-
3.0
4.0
-
Amplitude ripple
2105~2140 MHz
dB
-
1.1
2.0
-
V.S.W.R
2105~2140 MHz
-
1.5
2.4
-
Group delay ripple
2105~2140 MHz ns
7
16
Attenuation:( Reference level from 0 dB)
0 ~ 1950MHz
dB
33
42
-
-
1950 ~ 2050MHz
dB
25
37
-
-
2195 ~ 2295 MHz
dB
25
51
-
-
2295 ~ 3400 MHz
dB
31
50
-
-
3400 ~ 4000 MHz
dB
23
45
-
-
Impedance at FC Input ZIN =RIN//CIN
50
Ω // 0 PF
1
Output ZOUT =ROUT//COUT
50
Ω// 0 PF
1
Note1. No matching network required for operation at 50
Ω


Similar Part No. - MA05751

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA05752 GOLLEDGE-MA05752 Datasheet
218Kb / 8P
SAW Filter: 2157.50MHz
MA05753 GOLLEDGE-MA05753 Datasheet
292Kb / 6P
SAW Filter 2332.5MHz
MA05754 GOLLEDGE-MA05754 Datasheet
338Kb / 7P
SAW Filter 2442MHz
More results

Similar Description - MA05751

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com