Electronic Components Datasheet Search
  English  ▼

X  

L8002 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # L8002
Description  FET BIAS CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8002 Datasheet(HTML) 5 Page - Unisonic Technologies

  L8002 Datasheet HTML 1Page - Unisonic Technologies L8002 Datasheet HTML 2Page - Unisonic Technologies L8002 Datasheet HTML 3Page - Unisonic Technologies L8002 Datasheet HTML 4Page - Unisonic Technologies L8002 Datasheet HTML 5Page - Unisonic Technologies L8002 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
L8002
Preliminary
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
5 of 6
www.unisonic.com.tw
QW-R502-B55a
T Y PI CAL APPLI CAT I ON CI RCU I T
There are three major functions provided by UTC L8002: support negative voltage, bias control circuit, and FET
protesting circuit.
The negative voltage is generated using internal oscillator. It only needs an ac coupled capacitor CNB 47nF and a
negative voltage bypass capacitor CSUB 47nF.
The UTC L8002 devices have been designed to protect the external FETs from adverse operating conditions. With
a JFET connected to any bias circuit, the gate output voltage of the bias circuit can not exceed the range -2V to 0.7V,
under any conditions including powerup and powerdown transients. Should the negative bias generator be shorted
or overloaded so that the drain current of the external FETs can no longer be controlled, the drain supply to FETs is
shut down to avoid damage to the FETs by excessive drain current. The following diagrams show the L8002 in
typical LNB applications. Within each FET gain stage the numbering system indicates how the bias stages relate to
the application circuits.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com