Electronic Components Datasheet Search
  English  ▼

X  

L8402 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # L8402
Description  LOW POWER 4 STAGE FET BIAS CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8402 Datasheet(HTML) 2 Page - Unisonic Technologies

  L8402 Datasheet HTML 1Page - Unisonic Technologies L8402 Datasheet HTML 2Page - Unisonic Technologies L8402 Datasheet HTML 3Page - Unisonic Technologies L8402 Datasheet HTML 4Page - Unisonic Technologies L8402 Datasheet HTML 5Page - Unisonic Technologies L8402 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
L8402
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
2 of 6
www.unisonic.com.tw
QW-R123-022.b
M ARK I N G
SSOP-16
QFN-16(3×3)
PI N CON FI GU RAT I ON
4
3
2
1
9
10
11
12
D4
RCAL1
GND
VCC
D2
G2
13
14
15
16
G4
5
6
7
8
G3
CSUB
Top View
UTC
L8402
8
7
6
5
4
3
2
1
14
13
12
10
11
9
15
16
D1
G1
D2
G2
Vcc
GND
CNB1
CNB2
CSUB
VCC
G3
G4
RCAL1
RCAL2
D4
D3
SSOP-16
QFN-16(3×3)
PI N DESCRI PT I ON
PIN NO.
SSOP-16
QFN-16(3×3)
PIN NAME
DESCRIPTION
1
15
D1
To D of FET 1
2
16
G1
To G of FET 1
3
1
D2
To D of FET 2
4
2
G2
To G of FET 2
5
3
VCC
Power supply
6
4
GND
GND
7
5
CNB1
Connect an external cap to CNB2
8
6
CNB2
Connect an external cap to CNB1
9
7
CSUB
Connect an external cap to produce -2.5V
10
8
RCAL2
Setting Id2/4 to 10mA
11
9
RCAL1
Setting Id1/3 to 10mA
12
10
G4
To G of FET 4
13
11
D4
To D of FET 4
14
12
G3
To G of FET 3
15
13
D3
To D of FET 3
16
14
VCC
Power supply (Pin 14 needs to be powered for the device to
function)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com