Electronic Components Datasheet Search
  English  ▼

X  

PA3431G-N20-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # PA3431G-N20-R
Description  2W STEREO AUDIO AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3431G-N20-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button PA3431G-N20-R Datasheet HTML 3Page - Unisonic Technologies PA3431G-N20-R Datasheet HTML 4Page - Unisonic Technologies PA3431G-N20-R Datasheet HTML 5Page - Unisonic Technologies PA3431G-N20-R Datasheet HTML 6Page - Unisonic Technologies PA3431G-N20-R Datasheet HTML 7Page - Unisonic Technologies PA3431G-N20-R Datasheet HTML 8Page - Unisonic Technologies PA3431G-N20-R Datasheet HTML 9Page - Unisonic Technologies PA3431G-N20-R Datasheet HTML 10Page - Unisonic Technologies PA3431G-N20-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PA3431
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
10 of 11
www.unisonic.com.tw
QW-R502-225.C
T Y PI CAL CH ARACT ERI ST I CS(Cont .)
20
50
10u
Output Noise vs. Frequency
Frequency (Hz)
20k
100 200 500 1k 2k
5k 10k
20u
30u
40u
50u
100u
200u
300u
500u
70u
60u
400
0
0
Output Power vs. Load Resistance
Load Resistance
(Ω)
40
10
20
30
0.5
1
1.5
2
2.5
VDD=5V
THD+N=1%
Each Channel
VDD=5V
RL=4
Ω
AV=6dB
A-Weighted filter
0
0
Power Dissipation vs. Output Power
Output Power (W)
2.5
0.5
1
1.5
0.2
0.6
1
1.4
1.8
2
0.4
0.8
1.2
1.6
VDD=5V
Each Channel
RL=8Ω
RL=4Ω
RL=3Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com