Electronic Components Datasheet Search
  English  ▼

X  

ELM413 Datasheet(PDF) 1 Page - ELM Electronics

Part # ELM413
Description  LED controller and a circuit startup timer in an 8 pin package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM413 Datasheet(HTML) 1 Page - ELM Electronics

  ELM413 Datasheet HTML 1Page - ELM Electronics ELM413 Datasheet HTML 2Page - ELM Electronics ELM413 Datasheet HTML 3Page - ELM Electronics ELM413 Datasheet HTML 4Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ELM413
Elm Electronics – Circuits for the Hobbyist
< http://www.elmelectronics.com/ >
LED Driver
The ELM413 is both an LED controller and a
circuit startup timer in an 8 pin package. The high
current capabilities of its outputs allow most LEDs to
be directly driven, usually only requiring a single
current limiting resistor.
The circuit startup, or warmup feature is useful
for allowing a stabilizing time period to pass before
enabling other circuits. This type of function is often
used in audio amplifier circuits where it is desirable
to block the speaker outputs until the amplifier
stages have stabilized. This can eliminate the
annoying
‘pop’
occasionally
heard
from
audio
amplifiers.
The duration of the warmup period is selected
by logic levels on two input pins, providing four
discrete time intervals. All circuit timing is derived
from internal circuitry, and no additional timing
components are required for circuit operation.
Description
• Pilot ‘lamp’ circuits
• Sequentially enabled systems
• Delay on operate circuits
• Audio amplifier power managers
• Monostable (one-shot) circuits
Applications
Block Diagram
1 of 4
• Low power CMOS design - typically 1mA at 5V
• Operates over a supply range of 3.0 to 5.5 volts
• Schmitt trigger controlled operation
• Requires no external timing components
• Warmup periods from 0.1 to 5 seconds
• Auxiliary output active after warmup period
• High current drive outputs - up to 25 mA
Features
ELM413DSA
Connection Diagram
PDIP and SOIC
(top view)
VDD
VSS
1
2
3
4
8
7
6
5
AuxOut
Trigger
W1
W0
Red
Green
W1
W0
Period
L
H
0.5 sec
0.1 sec
5 sec
1 sec
H
H
H
L
L
L
Warmup Period
4
5
Trigger
2
Flasher
7
3
Control
and
Timing
6
Red
W0
W1
Green
AuxOut


Similar Part No. - ELM413

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM413P ELM-ELM413P Datasheet
30Kb / 4P
Schmitt trigger controlled operation
More results

Similar Description - ELM413

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST62T18C STMICROELECTRONICS-ST62T18C Datasheet
536Kb / 82P
8-BIT MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, UART, OSG, SAFE RESET AND 20-PIN PACKAGE
Rev. 2.5
ST62T28C STMICROELECTRONICS-ST62T28C Datasheet
561Kb / 84P
8-BIT MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, UART, OSG, SAFE RESET AND 28-PIN PACKAGE
Rev. 2.8
logo
Maxim Integrated Produc...
MAX6814 MAXIM-MAX6814 Datasheet
631Kb / 6P
5-Pin Watchdog Timer Circuit
19-2804; Rev 1; 3/04
logo
List of Unclassifed Man...
CRT5027 ETC1-CRT5027 Datasheet
576Kb / 8P
CRT VIDEO TIMER AND CONTROLLER
logo
Zetex Semiconductors
DIL8 ZETEX-DIL8 Datasheet
48Kb / 2P
Dual in-line, 8 pin package
logo
IK Semicon Co., Ltd
KL3340 IKSEMICON-KL3340 Datasheet
198Kb / 5P
Economical 8-Pin Dual-In-Line Package
logo
Sanken electric
SPF8201 SANKEN-SPF8201 Datasheet
657Kb / 19P
Built-in startup circuit
logo
STMicroelectronics
STEVAL-ILL051V1 STMICROELECTRONICS-STEVAL-ILL051V1 Datasheet
217Kb / 4P
3 A HB LED driver with dimming function based on the LED2000 in an SO-8 Batwing package
26-May-2016
logo
Dialog Semiconductor
SLG7NT4081 DIALOG-SLG7NT4081 Datasheet
252Kb / 9P
PWROK GENERATOR AND STARTUP LATCHING CIRCUIT
SLG7NT4229 DIALOG-SLG7NT4229 Datasheet
500Kb / 9P
PWROK GENERATOR AND STARTUP LATCHING CIRCUIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com