Electronic Components Datasheet Search
  English  ▼

X  

EN13 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EN13
Description  EN13 is a 2-input EXCLUSIVE-NOR (XNOR) gate with 3x drive strength.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN13 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EN13 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EN13 is a 2-input EXCLUSIVE-NOR (XNOR) gate with 3x drive strength.
Truth Table
A
B
Q
Capacitance
AB
Q
Ci (pF)
L
L
H
A
0.158
L
H
L
B
0.132
HL
L
HH
H
Area
Power
1.22 mils
2
5.86 µW / MHz
Delay [ns] = tpd.. = f(SL, L)
with SL = Input Slope [ns] ; L = Output Load [pF]
Output Slope [ns] = op_sl.. = f(L)
with L = Output Load [pF]
AC Characteristics :
Tj = 25°C
VDD = 3.3V
Typical Process
AC Characteristics
Characteristics
Symbol
SL = 0.1
SL = 2.0
L = 0.3
L = 2.1
L = 3.0
L = 0.3
L = 2.1
L = 3.0
Delay A to Q
tpd_ar_qr
0.79
2.26
2.93
0.98
2.46
3.18
tpd_af_qr
0.42
1.88
2.48
0.59
1.89
2.59
tpd_ar_qf
0.34
1.29
1.76
0.36
1.29
1.74
tpd_af_qf
0.81
1.77
2.22
1.15
2.13
2.60
Delay B to Q
tpd_br_qr
0.80
2.25
2.96
0.87
2.30
2.98
tpd_bf_qr
0.40
1.77
2.56
0.67
1.93
2.63
tpd_br_qf
0.31
1.24
1.74
0.32
1.26
1.70
tpd_bf_qf
0.85
1.80
2.28
1.20
2.16
2.61
Output Slope A to Q
op_sl_ar_qr
1.11
5.55
7.78
1.08
5.61
7.73
op_sl_af_qr
1.06
5.37
7.35
1.23
5.27
7.36
op_sl_ar_qf
0.73
3.43
4.67
0.96
3.46
4.78
op_sl_af_qf
0.83
3.58
4.81
0.86
3.51
4.85
Output Slope B to Q
op_sl_br_qr
1.11
5.57
7.72
1.05
5.52
7.91
op_sl_bf_qr
1.08
5.25
7.50
1.41
5.31
7.37
op_sl_br_qf
0.66
3.47
4.92
0.91
3.43
4.77
op_sl_bf_qf
0.93
3.46
4.81
0.96
3.48
4.77
Sept. 1996
- 154 -
Rev. N/C
Austria Mikro S ysteme International
R
0.6 µm CMOS
CUB
EN13
EN13


Similar Part No. - EN13

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
EN1 FUJITSU-EN1 Datasheet
563Kb / 56P
2ch DC/DC converter IC with PFM/ PWM synchronous rectification
logo
TT Electronics.
EN10 TTELEC-EN10 Datasheet
608Kb / 9P
10 mm Encoder
Rev B 04/23/2024
logo
Extech Instruments Corp...
EN100 EXTECH-EN100 Datasheet
551Kb / 2P
Environmental Meters with 11 Functions
logo
Bi technologies
EN11 BITECH-EN11 Datasheet
584Kb / 4P
11mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Shaft Push-on Switch Option RoHS Compliant
EN11 BITECH-EN11 Datasheet
144Kb / 4P
11mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Shaft Push-on Switch Option RoHS Compliant
More results

Similar Description - EN13

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HC7266A MOTOROLA-MC74HC7266A Datasheet
137Kb / 6P
Quad 2-Input Exclusive NOR Gate
logo
ON Semiconductor
MC10107 ONSEMI-MC10107 Datasheet
104Kb / 5P
Triple 2-Input Exclusive OR/Exclusive NOR Gate
1996 REV 5
MC10H107 ONSEMI-MC10H107 Datasheet
95Kb / 3P
Triple 2-Input Exclusive OR/Exclusive NOR Gate
REV 5
logo
NXP Semiconductors
74HC7266 PHILIPS-74HC7266 Datasheet
29Kb / 4P
Quad 2-input EXCLUSIVE-NOR gate
December 1990
logo
ams AG
NA53 AMSCO-NA53 Datasheet
9Kb / 1P
NA53 is a 5-input NAND gate with 3x drive strength
EO12 AMSCO-EO12 Datasheet
9Kb / 1P
EO12 is a 2-input EXCLUSIVE-OR (XOR) gate with 2x drive strength
OR73 AMSCO-OR73 Datasheet
13Kb / 2P
7-input OR gate with 3x drive strength.
logo
National Semiconductor ...
MM54HC7266 NSC-MM54HC7266 Datasheet
92Kb / 4P
Quad 2-Input Exclusive NOR Gate
logo
NXP Semiconductors
74AC11810 PHILIPS-74AC11810 Datasheet
123Kb / 5P
QUAD 2-INPUT EXCLUSIVE-NOR GATE
October 17 1990
logo
Nexperia B.V. All right...
HEF4077B NEXPERIA-HEF4077B Datasheet
164Kb / 11P
Quad 2-input EXCLUSIVE-NOR gate
Rev. 6 - 14 March 2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com