Electronic Components Datasheet Search
  English  ▼

X  

IXGA90N33TC Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGA90N33TC
Description  Trench Gate, High Speed, IGBTs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGA90N33TC Datasheet(HTML) 1 Page - IXYS Corporation

  IXGA90N33TC Datasheet HTML 1Page - IXYS Corporation IXGA90N33TC Datasheet HTML 2Page - IXYS Corporation IXGA90N33TC Datasheet HTML 3Page - IXYS Corporation IXGA90N33TC Datasheet HTML 4Page - IXYS Corporation IXGA90N33TC Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2011 IXYS CORPORATION, All Rights Reserved
Trench Gate,
High Speed,
IGBTs
DS99754B (07/11)
IXGA90N33TC
IXGQ90N33TC
IXGQ90N33TCD1
V
CES
=
330V
I
CP
=
360A
V
CE(sat)
≤≤≤≤≤ 1.80V
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified
Min.
Typ.
Max.
BV
CES
I
C
= 250μA, V
GE = 0V
330
V
V
GE(th)
I
C
= 250μA, V
CE = VGE
3.0
5.0
V
I
CES
V
CE = VCES, VGE = 0V
1
μA
T
J = 125°C
200 μA
I
GES
V
CE = 0V, VGE = ±20V
±200 nA
V
CE(sat)
V
GE = 15V, IC = 20A, Note 1
1.40
V
I
C = 45A
1.54
1.80
V
T
J = 125°C
1.54
V
I
C = 90A
1.82
V
T
J = 125°C
1.95
V
Features
• Low V
CE(sat)
- for minimum On-State Conduction
Losses
• Fast Switching
Applications
• PDP Screen Drivers
For PDP Applications
G = Gate
C
= Collector
E = Emitter
Tab = Collector
TO-3P (IXGQ)
G
C
E
TO-263 AA (IXGA)
G
E
C (Tab)
C (Tab)
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25°C to 150°C
330
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C= 25°C (Chip Capability)
90
A
I
C(RMS)
Lead Current Limit
75
A
I
C110
T
C = 110°C
38
A
I
CP
T
C < 150°C, tp < 10μs
60
A
I
CP
T
C < 150°C, tp < 10μs, Duty cycle < 1%
360
A
P
C
T
C = 25°C
200
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062in.) from Case for 10s
260
°C
M
d
Mounting Torque (TO-3P)
1.13/10
Nm/lb.in.
Weight
TO-263
2.5
g
TO-3P
5.5
g
90N33TC
90N33TCD1


Similar Part No. - IXGA90N33TC

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGA9289 IXYS-IXGA9289 Datasheet
37Kb / 2P
For Plasma Display Applications
More results

Similar Description - IXGA90N33TC

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH60N60C2 IXYS-IXGH60N60C2 Datasheet
584Kb / 5P
HiPerFASTTM IGBT C2-Class High Speed IGBTs
IXGA16N60B2 IXYS-IXGA16N60B2 Datasheet
229Kb / 6P
HiPerFAST IGBTs B2-Class High Speed
IXGA16N60C2 IXYS-IXGA16N60C2_10 Datasheet
205Kb / 6P
HiPerFAST IGBTs C2-Class High Speed
IXGH32N90B2 IXYS-IXGH32N90B2 Datasheet
207Kb / 7P
HiPerFAST IGBT B2-Class High Speed IGBTs
IXGH40N60C2 IXYS-IXGH40N60C2 Datasheet
155Kb / 5P
C2-Class High Speed IGBTs
IXGH50N60C2 IXYS-IXGH50N60C2 Datasheet
592Kb / 5P
HiPerFAST IGBT C2-Class High Speed IGBTs
IXGH50N90B2 IXYS-IXGH50N90B2 Datasheet
168Kb / 5P
HiPerFAST IGBT B2-Class High Speed IGBTs
IXGH50N60B4D1 IXYS-IXGH50N60B4D1 Datasheet
205Kb / 7P
Low-Vsat PT Trench IGBTs
IXGQ50N60C4D1 IXYS-IXGQ50N60C4D1 Datasheet
203Kb / 7P
High-Speed PT Trench IGBTs
IXGA150N33TC IXYS-IXGA150N33TC Datasheet
199Kb / 5P
Trench Gate High Speed
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com