Electronic Components Datasheet Search
  English  ▼

X  

IXGA9289 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGA9289
Description  For Plasma Display Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGA9289 Datasheet(HTML) 1 Page - IXYS Corporation

  IXGA9289 Datasheet HTML 1Page - IXYS Corporation IXGA9289 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2005 IXYS All rights reserved
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
V
GE(th)
I
C
= 250
µA, V
CE = VGE
3.0
5.0
V
I
CES
V
CE = VCES
T
J =
25
°C1
µA
V
GE = 0 V
T
J = 125°C
200
µA
I
GES
V
CE = 0 V, VGE = ±20 V
±200
nA
V
CE(sat)
V
GE = 15V, IC = 60 A
1.4
1.8
V
I
C = 120 A
1.7
V
Trench IGBT
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25
°C to 150°C
300
V
V
GEM
±30
V
I
C25
T
C
= 25
°C, IGBT chip capability
120
A
I
C90
T
C
= 90
°C75
A
I
CM
T
J
≤ 150°C, tp < 300 µs
200
A
I
C(RMS)
Lead current limit
75
A
SSOA
V
GE = 15 V, TVJ = 150°C, RG = 20 Ω
I
CM = 100
A
(RBSOA)
Clamped inductive load, V
CE < 300 V
P
C
T
C
= 25
°C
250
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
Plastic body for 10s
260
°C
M
d
Mounting torque (TO-3P)
1.3/10 Nm/lb.in.
Weight
TO-263
3
g
DS99361(03/05)
Features
•International standard packages
•Trench gate construction for low V
CE(sat)
- for minimum on-state conduction
losses
•MOS Gate turn-on
- drive simplicity
Applications
• PDP Screen Drivers
• AC motor speed control
• DC servo and robot drives
• DC choppers
• Uninterruptible power supplies (UPS)
• Switch-mode and resonant-mode
power supplies
• Capacitor discharge
IXGA9289
V
CES
= 300 V
I
C25
= 120 A
V
CE(sat)(typ) =
1.4 V
Advanced Technical Information
For Plasma Display Applications
(Development type IXGA_120N30TC)
G = Gate
D = Drain
S = Source
TAB = Drain
TO-263 (IXGA)
G
S
(TAB)


Similar Part No. - IXGA9289

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGA90N33TC IXYS-IXGA90N33TC Datasheet
150Kb / 5P
Trench Gate, High Speed, IGBTs
More results

Similar Description - IXGA9289

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV7697B STMICROELECTRONICS-STV7697B Datasheet
155Kb / 18P
Scan Driver for Plasma Display Panels
23-Sep-2003
logo
International Rectifier
IRFB4233PBF IRF-IRFB4233PBF Datasheet
289Kb / 8P
Energy Recovery & Pass switch applications in Plasma Display Panels
logo
Toshiba Semiconductor
TLP705F TOSHIBA-TLP705F Datasheet
125Kb / 2P
Plasma Display Panel
TLP705 TOSHIBA-TLP705_07 Datasheet
182Kb / 6P
Plasma Display Panel
logo
IXYS Corporation
IXTQ80N28T IXYS-IXTQ80N28T Datasheet
97Kb / 5P
N-Channel Enhancement Mode For Plasma Display Applications
logo
Vishay Siliconix
APD-128G032A VISHAY-APD-128G032A Datasheet
56Kb / 3P
Plasma Display Modules
24-Nov-00
APD-128G032 VISHAY-APD-128G032_V01 Datasheet
156Kb / 3P
Plasma Display Modules
14-Jun-04
APD-128G064 VISHAY-APD-128G064 Datasheet
63Kb / 3P
Plasma Display Modules
05-Dec-00
APD-32A025A VISHAY-APD-32A025A Datasheet
297Kb / 12P
Intelligent Plasma Display
24-May-05
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com