Electronic Components Datasheet Search
  English  ▼

X  

IXGI48N60C3 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXGI48N60C3
Description  High-Speed PT IGBTs for 40-100kHz Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGI48N60C3 Datasheet(HTML) 5 Page - IXYS Corporation

  IXGI48N60C3 Datasheet HTML 1Page - IXYS Corporation IXGI48N60C3 Datasheet HTML 2Page - IXYS Corporation IXGI48N60C3 Datasheet HTML 3Page - IXYS Corporation IXGI48N60C3 Datasheet HTML 4Page - IXYS Corporation IXGI48N60C3 Datasheet HTML 5Page - IXYS Corporation IXGI48N60C3 Datasheet HTML 6Page - IXYS Corporation IXGI48N60C3 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
© 2011 IXYS CORPORATION, All Rights Reserved
IXGI48N60C3 IXGA48N60C3
IXGP48N60C3 IXGH48N60C3
Fig. 7. Transconductance
0
10
20
30
40
50
0
20
40
60
80
100
120
IC - Amperes
TJ = - 40ºC
25ºC
125ºC
Fig. 10. Reverse-Bias Safe Operating Area
0
20
40
60
80
100
200
250
300
350
400
450
500
550
600
650
VCE - Volts
TJ = 125ºC
RG = 3Ω
dv / dt < 10V / ns
Fig. 11. Maximum Transient Thermal Impedance
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
Pulse Width - Seconds
Fig. 8. Gate Charge
0
2
4
6
8
10
12
14
16
0
1020
30
40
5060
70
80
QG - NanoCoulombs
VCE = 300V
I C = 30A
I G = 10 mA
Fig. 9. Capacitance
10
100
1,000
10,000
0
5
10
15
20
25
30
35
40
VCE - Volts
f = 1 MHz
Cies
Coes
Cres



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com