Electronic Components Datasheet Search
  English  ▼

X  

LC370W01 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # LC370W01
Description  37.0 WXGA TFT LCD
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LC370W01 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button LC370W01 Datasheet HTML 15Page - NXP Semiconductors LC370W01 Datasheet HTML 16Page - NXP Semiconductors LC370W01 Datasheet HTML 17Page - NXP Semiconductors LC370W01 Datasheet HTML 18Page - NXP Semiconductors LC370W01 Datasheet HTML 19Page - NXP Semiconductors LC370W01 Datasheet HTML 20Page - NXP Semiconductors LC370W01 Datasheet HTML 21Page - NXP Semiconductors LC370W01 Datasheet HTML 22Page - NXP Semiconductors LC370W01 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Product Specification
19 / 28
LC370W01
Liquid Crystal Display
Ver. 0.1
May.25, 2004
FIG. 3 Response Time
Measuring point for surface luminance & measuring point for luminance variation
FIG. 2 Measure Point for Luminance
A : H / 4 mm
B : V / 4 mm
H : 819.6 mm
V : 469.8 mm
@ H,V : Active Area
The response time is defined as the following figure and shall be measured by switching the input signal for
Black to White and White to Black.
White
Black
TrR
TrD
100
90
10
0
Optical
Response
Black
H
A
①
③
②
⑤
④



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com