| Electronic Components Datasheet Search |
|
LMFLSP100 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
LMFLSP100 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers |
|
3 / 10 page ![]() ◆ Absolute Maximum Ratings. Parameter Symbol Rating Value Unit Power Dissipation PD 300 mW Forward Current IF 90 mA Forward Pulse Current IPF 180 mA Reverse Voltage VR 5 V Operating Temperature TOT -30 to +85 ℃ Storage Temperature TST -40 to +100 ℃ Soldering Temperature TSD Reflow: 240 for 10sec ℃ Hand Soldering: 350 for 10sec ℃ ℃ * Duty ratio=1/10, Pulse width < 30ms. ◆ Electro-optical Spec. Parameter Symbol Condition Min Typ. Max Unit Forward Voltage 1 VF 1 IF=20m A/each chip - 3.4 3.8 V Forward Voltage 2 VF 2 IF=10uA 1.8 _ _ V Luminous Intensity IV IF=20mA/ each chip 2.5 4.0 _ cd ◆ C.I.E 2/9 Green Blue Red LUMIMICRO CO., LTD - The uncertainty of the C.I.E coordinates measurement: ±0.01 The tolerance of Intensity measurement: ± 10%, The tolerance of VF measurement: ±0.1V xy 0.290 0.276 0.290 0.320 0.330 0.318 0.330 0.365 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |